Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH122 Datasheet(PDF) 3 Page - STMicroelectronics

Part # TSH122
Description  Ultra low power video buffer,filter with power-down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH122 Datasheet(HTML) 3 Page - STMicroelectronics

  TSH122 Datasheet HTML 1Page - STMicroelectronics TSH122 Datasheet HTML 2Page - STMicroelectronics TSH122 Datasheet HTML 3Page - STMicroelectronics TSH122 Datasheet HTML 4Page - STMicroelectronics TSH122 Datasheet HTML 5Page - STMicroelectronics TSH122 Datasheet HTML 6Page - STMicroelectronics TSH122 Datasheet HTML 7Page - STMicroelectronics TSH122 Datasheet HTML 8Page - STMicroelectronics TSH122 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
TSH122
Electrical characteristics
3/16
2
Electrical characteristics
Table 3.
VCC = +2.5V, +3.3V, Tamb = 25°C (unless otherwise specified)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
DC performance
Vdc
Output DC level shift
RL = 150Ω
70
115
168
mV
Iib
Input bias current
VCC = +3.3V
-1.5
-0.87
μA
VCC = +3.3V,
Tmin ≤ Tamb ≤ Tmax
-0.93
G
Internal voltage gain
Vin=0V to 1V DC, VCC=+2.5V
5.8
6
6.1
dB
Vin=0V to 1.4V DC, VCC=+3.3V
5.8
6
6.1
VCC=3.3V
Tmin ≤ Tamb ≤ Tmax
5.96
PSRR
Power supply rejection ratio
20 log (
ΔVCC/ΔVout)
ΔVCC=±100mV at 1kHz
Vin=+0.5V DC
55
dB
ICC
Positive supply current
DC consumption
Vin=0V, no load
VCC=+3.3V
VCC=+2.5V
2
1.7
2.4
2.1
mA
VCC=+3.3V
Tmin ≤ Tamb ≤ Tmax
2.4
mA
Dynamic performance and output characteristics
BW
Filter bandwidth
Small signal
VCC=+3.3V, RL = 150Ω
-3dB bandwidth
-1dB bandwidth
5.4
9.5
7.2
MHz
-1dB bandwidth
VCC = +3.3V,
Tmin ≤ Tamb ≤ Tmax
6.75
FR
27 MHz rejection
Small signal
VCC=+3.3V, RL=150Ω
36
47
dB
VCC = +3.3V,
Tmin ≤ Tamb ≤ Tmax
46
dB
ΔG
Differential gain
VCC=+3.3V, RL=150Ω
0.5
%
ΔΦ
Differential phase
VCC=+3.3V, RL=150Ω
0.1
°
Gd
Group delay
VCC=+3.3V, 10kHz-5MHz
6
ns
VOH
High level output voltage
VCC=+3.3V, RL=150Ω
VCC=+2.5V, RL=150Ω
3.1
2.3
3.2
2.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com