Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH122 Datasheet(PDF) 10 Page - STMicroelectronics

Part # TSH122
Description  Ultra low power video buffer,filter with power-down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH122 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TSH122 Datasheet HTML 6Page - STMicroelectronics TSH122 Datasheet HTML 7Page - STMicroelectronics TSH122 Datasheet HTML 8Page - STMicroelectronics TSH122 Datasheet HTML 9Page - STMicroelectronics TSH122 Datasheet HTML 10Page - STMicroelectronics TSH122 Datasheet HTML 11Page - STMicroelectronics TSH122 Datasheet HTML 12Page - STMicroelectronics TSH122 Datasheet HTML 13Page - STMicroelectronics TSH122 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Application information
TSH122
10/16
3.2
Implementation considerations
3.2.1
Input
The DC level shifter optimizes the position of the video signal with no clamping on the output
rails.
3.2.2
Filter
A reconstruction filter is used to attenuate the DAC’s sampling frequency because it
generates a parasitic signal in the video spectrum (typically at 27 MHz in the case of
standard video). This function is fulfilled while keeping a low group delay and a good gain
flatness along the video band.
Figure 25.
Internal schematic
3.2.3
Output
In an AC-coupling configuration, the SAG correction allows use of two small low-cost
capacitors in place of one large capacitor (see Figure 26). The AC-coupling output reduces
the power consumption by removing the DC component included in the signal.
Nevertheless, the output can be directly connected to the line without any capacitor. In this
case, the OUT and SAG pins are connected together and the equivalent gain of the buffer
remains at 6 dB (see Figure 27).
+
-
2.25 V to 5 V
LPF
6th order
1
6
2
4
5 Power-down
2R
R
2R
DC shifter
+
SAG
3
2R
+Vcc
GND
Output
Input
+
-
2.25 V to 5 V
LPF
6th order
1
6
2
4
5 Power-down
2R
R
2R
DC shifter
+
SAG
3
2R
+Vcc
GND
Output
Input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com