Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH122 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TSH122
Description  Ultra low power video buffer,filter with power-down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH122 Datasheet(HTML) 2 Page - STMicroelectronics

  TSH122 Datasheet HTML 1Page - STMicroelectronics TSH122 Datasheet HTML 2Page - STMicroelectronics TSH122 Datasheet HTML 3Page - STMicroelectronics TSH122 Datasheet HTML 4Page - STMicroelectronics TSH122 Datasheet HTML 5Page - STMicroelectronics TSH122 Datasheet HTML 6Page - STMicroelectronics TSH122 Datasheet HTML 7Page - STMicroelectronics TSH122 Datasheet HTML 8Page - STMicroelectronics TSH122 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute maximum ratings and operating conditions
TSH122
2/16
1
Absolute maximum ratings and operating conditions
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage(1)
1.
All voltage values, except differential voltage, are with respect to network terminal.
5.5
V
Vin
Maximum input amplitude
0 to Vcc
V
Tstg
Storage temperature
-65 to +150
°C
Tj
Maximum junction temperature
150
°C
Rthja
SC70 thermal resistance junction to ambient area
205
°C/W
Rthjc
SC70 thermal resistance junction to case
172
°C/W
Pmax
Maximum power dissipation for Tj=150°C
Tamb = +25°C
Tamb = +85°C
609
317
mW
ESD
CDM: charged device model(2)
HBM: human body model(3)
MM: machine model(4)
2.
Charged device model: all pins and the package are charged together to the specified voltage and then
discharged directly to the ground through only one pin. This is done for all pins.
3.
Human body model: a 100 pF capacitor is charged to the specified voltage, then discharged through a
1.5 k
Ω resistor between two pins of the device. This is done for all couples of connected pin combinations
while the other pins are floating.
4.
Machine model: a 200 pF capacitor is charged to the specified voltage, then discharged directly between
two pins of the device with no external series resistor (internal resistor < 5
Ω). This is done for all couples of
connected pin combinations while the other pins are floating
1.5
1.5
300
kV
kV
V
Output short-circuit
(5)
5.
An output current limitation protects the circuit from transient currents. Short-circuits can cause excessive
heating. Destructive dissipation can result from short-circuits on amplifiers.
Table 2.
Operating conditions
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
2.25 to 5 (1)
1.
Tested in full production at 0 V/2.5 V and 0 V/3.3 V single power supply.
V
Toper
Operating free air temperature range
-40 to +85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com