Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSH122 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TSH122
Description  Ultra low power video buffer,filter with power-down
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSH122 Datasheet(HTML) 1 Page - STMicroelectronics

  TSH122 Datasheet HTML 1Page - STMicroelectronics TSH122 Datasheet HTML 2Page - STMicroelectronics TSH122 Datasheet HTML 3Page - STMicroelectronics TSH122 Datasheet HTML 4Page - STMicroelectronics TSH122 Datasheet HTML 5Page - STMicroelectronics TSH122 Datasheet HTML 6Page - STMicroelectronics TSH122 Datasheet HTML 7Page - STMicroelectronics TSH122 Datasheet HTML 8Page - STMicroelectronics TSH122 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
August 2008
Rev 1
1/16
16
TSH122
Ultra low power video buffer/filter with power-down
Features
■ Very low consumption: 1.7 mA
■ Ultra low power-down mode: 4 nA typ.,
500 nA max.
■ Internal 6th order reconstruction filter
■ Internal gain of 6 dB
■ Rail-to-rail output buffer for 75
Ω video line
■ Excellent video performance
– Differential gain 0.5%
– Differential phase 0.10°
– Group delay of 10 ns
■ SAG correction
■ Bottom of video signal close to 0 V
■ Tested with 2.5 V and 3.3 V single supply
■ Data min. and max. are physically tested and
guaranteed during production (consumption,
gain, filtering, and other parameters are
guaranteed)
Applications
■ Mobile phones
■ Digital still camera
■ Digital video camera
■ Portable DVD players
Description
The TSH122 is a video buffer that uses a voltage
feedback amplifier, with an internal gain of 6 dB,
an output rail-to-rail, an internal input DC-shift and
a SAG correction. A power-down function allows
switching to a sleep mode with an ultra-low
consumption.
The TSH122 features a 6th-order internal
reconstruction filter to attenuate the parasitic
frequency of 27 MHz from the clock of the video
DAC.
The TSH122 operates from 2.25 to 5 V single
power supplies and is tested at 2.5 V and 3.3 V.
The TSH122 is a single operator available in a
tiny SC70 plastic package for space saving.
1
2
4
3
6
5
OUT
SAG
IN
GND
Vcc
EN (enable)
Top view
1
2
4
3
6
5
OUT
SAG
IN
GND
Vcc
EN (enable)
Top view
SC70
www.st.com


Similar Part No. - TSH122

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH120 STMICROELECTRONICS-TSH120 Datasheet
177Kb / 13P
2.2V to 5V video buffer with SAG correction
21-Aug-2007
logo
TRACO Electronic AG
TSH1205S TRACOPOWER-TSH1205S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
logo
STMicroelectronics
TSH120ICT STMICROELECTRONICS-TSH120ICT Datasheet
177Kb / 13P
2.2V to 5V video buffer with SAG correction
21-Aug-2007
logo
TRACO Electronic AG
TSH1212D TRACOPOWER-TSH1212D Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
TSH1212S TRACOPOWER-TSH1212S Datasheet
458Kb / 5P
DC/DC Converters TSH Series, 2 Watt
Rev. August 3, 2022
More results

Similar Description - TSH122

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC114 NSC-CLC114 Datasheet
270Kb / 10P
Quad, Low Power Video Buffer
logo
Analog Devices
ADA4430-1 AD-ADA4430-1 Datasheet
383Kb / 16P
Ultralow Power Video Filter with Power-Down
6/06-Rev. 0 to Rev. A
logo
Maxim Integrated Produc...
MAX9516 MAXIM-MAX9516 Datasheet
308Kb / 15P
1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Rev 0; 9/07
logo
Wolfson Microelectronic...
WM8946 WOLFSON-WM8946 Datasheet
2Mb / 175P
Stereo Low-Power CODEC with Video Buffer
logo
Analog Devices
ADA4430-1 AD-ADA4430-1_15 Datasheet
407Kb / 20P
Ultralow Power Video Filter with Power-Down
REV. C
logo
Cirrus Logic
WM8944B CIRRUS-WM8944B Datasheet
2Mb / 165P
Mono Low-Power CODEC with Video Buffer
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
Stereo Low-Power CODEC with Video Buffer
logo
3PEAK INC.
TPF110 3PEAK-TPF110 Datasheet
1Mb / 12P
Ultra-low Power Video Filter with Shut-down & SAG Correction
TPF113 3PEAK-TPF113 Datasheet
664Kb / 10P
Zero-PeakingTM, Ultra-low Power, 3-Channel SD Video Buffer with LPF
logo
Maxim Integrated Produc...
MAX9509 MAXIM-MAX9509 Datasheet
1Mb / 15P
1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com