Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9516 Datasheet (PDF) - Maxim Integrated Products

MAX9516 Datasheet PDF - Maxim Integrated Products
Part # MAX9516
Download  MAX9516 Download
File Size   308.61 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect

MAX9516 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9516 Datasheet PDF - Maxim Integrated Products

Part # MAX9516
Download  MAX9516 Click to download

File Size   308.61 Kbytes
Page   15 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description 1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect

MAX9516 Datasheet (HTML) - Maxim Integrated Products


MAX9516 Product details

General Description
Operating at 1.8V from a single power supply, the MAX9516 amplifies standard-definition video signals and only consumes 6mW quiescent power and 12mW average power. The MAX9516 leverages Maxim’s DirectDrive™ technology. Combining DirectDrive® with the external positive 1.8V supply, the MAX9516 is able to drive a 2VP-P video signal into a 150Ω load. The MAX9516 has the ability to detect and report the presence of a video load and reduce power consumption when the load is not present.
The MAX9516 can detect the presence of a video load and report a change in load through the LOAD flag. This feature helps reduce overall system power consumption because the video encoder and the MAX9516 only need to be turned on when a video load is connected. If no load is connected, the MAX9516 is placed in an active-detect mode and only consumes 31μW.

Features
● 1.8V or 2.5V Single-Supply Operation
● Low Power Consumption (6mW Quiescent,
   12mW Average)
● Video Load Detect
● Reconstruction Filter with 5.5MHz Passband
● DirectDrive Sets Video Output Black Level Near
   Ground
● DC-Coupled Input/Output
● Transparent Input Sync-Tip Clamp

Applications
● Digital Still Cameras (DSC)
● Digital Video Cameras (DVC)
● Mobile Phones
● Portable Media Players (PMP)
● Security/CCTV Cameras




Similar Part No. - MAX9516

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9516 MAXIM-MAX9516 Datasheet
102Kb / 5P
DC-Coupled Output
Rev 0; 4/07
MAX9516EVKIT MAXIM-MAX9516EVKIT Datasheet
102Kb / 5P
DC-Coupled Output
Rev 0; 4/07
MAX9516EVKIT+ MAXIM-MAX9516EVKIT+ Datasheet
102Kb / 5P
DC-Coupled Output
Rev 0; 4/07
More results


Similar Description - MAX9516

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
logo
Analog Devices
ADA4431-1 AD-ADA4431-1 Datasheet
456Kb / 12P
Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
Maxim Integrated Produc...
MAX9507 MAXIM-MAX9507 Datasheet
465Kb / 29P
1.8V DirectDrive Video Filter Amplifier with Load Detection and Dual SPST Analog Switches
Rev 0; 11/07
logo
STMicroelectronics
TSH122 STMICROELECTRONICS-TSH122 Datasheet
583Kb / 16P
Ultra low power video buffer,filter with power-down
04-Aug-2008
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
logo
Analog Devices
ADA4431-1 AD-ADA4431-1_15 Datasheet
457Kb / 12P
Ultralow Power SD Video Filter with Load Detection
REV. 0
logo
Maxim Integrated Produc...
MAX9724C MAXIM-MAX9724C Datasheet
350Kb / 19P
Low RF Susceptibility DirectDrive Stereo Headphone Amplifier with 1.8V Compatible Shutdown
Rev 0; 5/08
MAX9509 MAXIM-MAX9509 Datasheet
1Mb / 15P
1.8V, Ultra-Low Power, DirectDrive Video Filter Amplifiers
19-0727; Rev 2; 5/14
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com