Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX9532 Datasheet (PDF) - Maxim Integrated Products

MAX9532 Datasheet PDF - Maxim Integrated Products
Part # MAX9532
Download  MAX9532 Download
File Size   406.3 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DirectDrive Video Amplifier with Short-to-Battery Protection

MAX9532 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX9532 Datasheet PDF - Maxim Integrated Products

Part # MAX9532
Download  MAX9532 Click to download

File Size   406.3 Kbytes
Page   12 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description DirectDrive Video Amplifier with Short-to-Battery Protection

MAX9532 Datasheet (HTML) - Maxim Integrated Products


MAX9532 Product details

General Description

The MAX9532 DirectDrive® video filter amplifier is specifically designed to work in harsh environments such as automobiles. The MAX9532 provides integrated short-to-battery protection, allowing the output of the device to survive shorts up to 18V.



Features

♦ Short-to-Battery Protection on Video Output (Up to 18V)

♦ DirectDrive Sets Video Output Black Level Near Ground

♦ DirectDrive Eliminates DC-Blocking Capacitors at the Output

♦ 3.3V Single-Supply Operation

♦ Reconstruction Filter with 9.5MHz Passband and 42dB Attenuation at 27MHz

♦ DC-Coupled Input/Output

♦ Transparent Input Sync-Tip Clamp

♦ 4V/V Internal Fixed Gain



Applications

Automotive Infotainment Systems



 




Similar Part No. - MAX9532

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
407Kb / 13P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
MAX9532 MAXIM-MAX9532 Datasheet
90Kb / 4P
Fully Assembled and Tested
Rev 0; 3/09
MAX9532EVKIT MAXIM-MAX9532EVKIT Datasheet
90Kb / 4P
Fully Assembled and Tested
Rev 0; 3/09
MAX9532EVKIT+ MAXIM-MAX9532EVKIT+ Datasheet
90Kb / 4P
Fully Assembled and Tested
Rev 0; 3/09
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
More results


Similar Description - MAX9532

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX9505 MAXIM-MAX9505 Datasheet
407Kb / 16P
DirectDrive Video Amplifier with Reconstruction Filter and Analog Switch
Rev 0; 5/05
MAX9503 MAXIM-MAX9503 Datasheet
831Kb / 13P
DirectDrive Video Amplifier with Reconstruction Filter
Rev 0; 5/05
MAX9516 MAXIM-MAX9516 Datasheet
308Kb / 15P
1.8V, Ultra-Low-Power, DirectDrive Video Filter Amplifier with Load Detect
Rev 0; 9/07
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
logo
Texas Instruments
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
TPS25940-Q1 TI1-TPS25940-Q1_18 Datasheet
3Mb / 50P
2.7-V to 18-V eFuse with Integrated Short-to-Battery Protection
logo
ON Semiconductor
NIV1241 ONSEMI-NIV1241 Datasheet
230Kb / 8P
ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 0
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com