Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4432-1 Datasheet (PDF) - Analog Devices

ADA4432-1 Datasheet PDF - Analog Devices
Part # ADA4432-1
Download  ADA4432-1 Download
File Size   517.43 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SD Video Filter Amplifiers with Output Short-to-Battery Protection

ADA4432-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADA4432-1 Datasheet PDF - Analog Devices

Part # ADA4432-1
Download  ADA4432-1 Click to download

File Size   517.43 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description SD Video Filter Amplifiers with Output Short-to-Battery Protection

ADA4432-1 Datasheet (HTML) - Analog Devices


ADA4432-1 Product details

FEATURES
Qualified for automotive applications
Output overvoltage (short-to-battery) protection up to 18 V
Short-to-battery output flag for wire diagnostics
Output short-to-ground protection
Fifth-order, low-pass video filter
0.1 dB flatness to 3 MHz
−3 dB bandwidth of 10 MHz
45 dB rejection at 27 MHz
Ultralow power-down current: 13.5 μA typical
Low quiescent current
7.6 mA typical (ADA4432-1)
13.2 mA typical (ADA4433-1)
Low supply voltage: 2.6 V to 3.6 V
Small packaging
8-lead, 3 mm × 3 mm LFCSP
6-lead SOT-23 (ADA4432-1 only)
Wide operating temperature range: −40°C to +125°C




Similar Part No. - ADA4432-1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4432-1 AD-ADA4432-1 Datasheet
1Mb / 28P
SD Video Filter Amplifiers
REV. A
ADA4432-1 AD-ADA4432-1 Datasheet
517Kb / 25P
SD Video Filter Amplifiers
5/2017-Rev. D to Rev. E
ADA4432-1BCP-EBZ AD-ADA4432-1BCP-EBZ Datasheet
1Mb / 28P
SD Video Filter Amplifiers
REV. A
ADA4432-1BCP-EBZ AD-ADA4432-1BCP-EBZ Datasheet
517Kb / 25P
SD Video Filter Amplifiers
5/2017-Rev. D to Rev. E
ADA4432-1BCPZ-R2 AD-ADA4432-1BCPZ-R2 Datasheet
1Mb / 28P
SD Video Filter Amplifiers
REV. A
More results


Similar Description - ADA4432-1

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TSH173 STMICROELECTRONICS-TSH173 Datasheet
191Kb / 13P
Triple video buffer with filter for SD video
21-Mar-2007
logo
Maxim Integrated Produc...
MAX9532 MAXIM-MAX9532 Datasheet
406Kb / 12P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 0; 2/09
MAX9532 MAXIM-MAX9532_11 Datasheet
407Kb / 13P
DirectDrive Video Amplifier with Short-to-Battery Protection
Rev 2; 11/11
logo
Analog Devices
ADA4432-1 AD-ADA4432-1 Datasheet
1Mb / 28P
SD Video Filter Amplifiers
REV. A
logo
STMicroelectronics
AN2705 STMICROELECTRONICS-AN2705 Datasheet
214Kb / 8P
TSH173 triple video buffer with filter for SD video
31-Jan-2008
logo
Texas Instruments
TPS25940-Q1 TI1-TPS25940-Q1 Datasheet
3Mb / 46P
18-V eFuse with Integrated Short-to-Battery Protection
logo
Analog Devices
ADA4432-1 AD-ADA4432-1_17 Datasheet
517Kb / 25P
SD Video Filter Amplifiers
5/2017-Rev. D to Rev. E
logo
ON Semiconductor
NIV1241 ONSEMI-NIV1241 Datasheet
230Kb / 8P
ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 0
NIX1161 ONSEMI-NIX1161 Datasheet
246Kb / 9P
ESD Protection with Automotive Short-to-Battery Blocking
August, 2020 ??Rev. 6
NIV2161 ONSEMI-NIV2161_V01 Datasheet
264Kb / 9P
ESD Protection with Automotive Short-to-Battery & Ground Protection
November, 2018 - Rev. 3
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com