Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064 Datasheet (PDF) - Analog Devices

LTC1064 Datasheet PDF - Analog Devices
Part # LTC1064
Download  LTC1064 Download
File Size   270.93 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Fast, Quad Universal Filter Building Block

LTC1064 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1064 Datasheet PDF - Analog Devices

Part # LTC1064
Download  LTC1064 Click to download

File Size   270.93 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Fast, Quad Universal Filter Building Block

LTC1064 Datasheet (HTML) - Analog Devices


LTC1064 Product details

FEATURES
■ Four Filters in a 0.3 Inch Wide Package
■ Maximum Center Frequency: 140kHz
■ Customized Version with Internal Resistors
Available
■ One Half the Noise of the LTC1059/LTC1060/
LTC1061 Devices
■ Maximum Clock Frequency: 7MHz
■ Clock-to-Center Frequency Ratio of 50:1 and 100:1
Simultaneously Available
■ Power Supplies: ±2.375V to ±8V
■ Low Offsets
■ Low Harmonic Distortion
■ Available in 24-Pin DIP and SO Wide Packages




Similar Part No. - LTC1064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064 Datasheet
325Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1064 LINER-LTC1064 Datasheet
275Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
logo
Analog Devices
LTC1064 AD-LTC1064 Datasheet
388Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
REV C
LTC1064 AD-LTC1064 Datasheet
262Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
REV B
More results


Similar Description - LTC1064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164 Datasheet
1Mb / 15P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264 Datasheet
343Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_02 Datasheet
204Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_05 Datasheet
231Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_09 Datasheet
270Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064_15 Datasheet
275Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1164 LINER-LTC1164_15 Datasheet
214Kb / 16P
Low Power, Low Noise, Quad Universal Filter Building Block
LTC1264 LINER-LTC1264_15 Datasheet
240Kb / 16P
High Speed, Quad Universal Filter Building Block
LTC1060 LINER-LTC1060_15 Datasheet
269Kb / 20P
Universal Dual Filter Building Block
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com