Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064 Datasheet (PDF) - Analog Devices

LTC1064 Datasheet PDF - Analog Devices
Part # LTC1064
Download  LTC1064 Download
File Size   388.14 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Clock-Tunable, Quad Second Order, Filter Building Blocks

LTC1064 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC1064 Datasheet PDF - Analog Devices

Part # LTC1064
Download  LTC1064 Click to download

File Size   388.14 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Clock-Tunable, Quad Second Order, Filter Building Blocks

LTC1064 Datasheet (HTML) - Analog Devices


LTC1064 Product details

FEATURES
n Four Identical 2nd Order Filter Sections in an
SSOP Package
n 2nd Order Section Center Frequency Error:
±0.3% Typical and ±0.8% Maximum
n Low Noise per 2nd Order Section, Q ≤ 5:
LTC1068-200 50μVRMS, LTC1068 50μVRMS
LTC1068-50 75μVRMS, LTC1068-25 90μVRMS
n Low Power Supply Current: 4.5mA, Single 5V,
LTC1068-50
n Operation with ± 5V Power Supply, Single 5V
Supply or Single 3.3V Supply




Similar Part No. - LTC1064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1064 LINER-LTC1064 Datasheet
389Kb / 16P
Low Noise, Fast, Quad Universal Filter Building Block
LTC1064 LINER-LTC1064 Datasheet
325Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1064 LINER-LTC1064 Datasheet
275Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
logo
Analog Devices
LTC1064 AD-LTC1064 Datasheet
270Kb / 20P
Low Noise, Fast, Quad Universal Filter Building Block
REV B
LTC1064 AD-LTC1064 Datasheet
262Kb / 16P
Low Power, Linear Phase 8th Order Lowpass Filter
REV B
More results


Similar Description - LTC1064

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1063 LINER-LTC1063 Datasheet
317Kb / 12P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065 Datasheet
314Kb / 12P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1068 LINER-LTC1068 Datasheet
535Kb / 28P
Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1063 LINER-LTC1063_09 Datasheet
279Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065_09 Datasheet
255Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1068-200CG LINER-LTC1068-200CG Datasheet
325Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1068-200CG LINER-LTC1068-200CG Datasheet
388Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
LTC1063 LINER-LTC1063_15 Datasheet
284Kb / 16P
DC Accurate, Clock-Tunable 5th Order Butterworth Lowpass Filter
LTC1065 LINER-LTC1065_15 Datasheet
261Kb / 16P
DC Accurate, Clock-Tunable Linear Phase 5th Order Bessel Lowpass Filter
LTC1068 LINER-LTC1068_15 Datasheet
388Kb / 30P
Clock-Tunable, Quad Second Order, Filter Building Blocks
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com