Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6269 Datasheet (PDF) - STMicroelectronics

L6269 Datasheet PDF - STMicroelectronics
Part # L6269
Download  L6269 Download
File Size   109.18 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?

L6269 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6269 Datasheet PDF - STMicroelectronics

Part # L6269
Download  L6269 Click to download

File Size   109.18 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?

L6269 Datasheet (HTML) - STMicroelectronics


L6269 Product details

DESCRIPTION
The L6269 integrates into a single chip both spindle and VCM controllers as well as power stages. The device is designed for 12V disk drive application requiring up to 2.0A of spindle and 1.5A of VCM peak currents.
A serial port with up to 25 MHz capability provides easy interface to the microprocessor. A register controlled Frequency Locked Loop (FLL) allows flexibility in setting the spindle speed. Integrated BEMF processing, digital masking, digital delay, and sequencing minimize the number of external components required.

GENERAL
■ 12V (+/- 10%) OPERATION.
■ REGISTER BASED ARCHITECTURE
■ MINIMUM EXTERNAL COMPONENTS
■ BICMOS + VERTICAL DMOS (1.5mm)

VCM DRIVER
■ 1.5A DRIVE CAPABILITY
■ 0.9W TOTAL BRIDGE IMPEDANCE AT 25°C
■ LINEAR MODE
■ PHASE SHIFT MODULATION (PWM MODE)
■ INSTANTANEOUS, (GLICH FREE) SWITCH BETWEEN THE 2 MODES
■ CLASS AB OUTPUT DRIVERS
■ ZERO CROSSOVER DISTORSION
■ 14 BIT DAC DEFINE OUTPUT CURRENT
■ SELECTABLE TRANSCONDUCTANCE
■ 4 PROGRAMMABLE PARKING VOLTAGE
■ DYNAMIC BRAKE

SPINDLE DRIVER
■ 2.0A DRIVE CAPABILITY
■ 0.8W TOTAL BRIDGE IMPEDANCE AT 25°C
■ BEMF, INTERNAL OR EXTERNAL, PROCESSING
■ SENSOR-LESS MOTOR COMMUTATION
■ PROGRAMMABLE COMMUTATION PHASE DELAY
■ LINEAR MODE AND CONSTANT TOFF PWM OPERATION MODE
■ INTERNAL FREQUENCY LOCKED LOOP SPEED CONTROL (FLL)
■ BEMF RECTIFICATION DURING RETRACT
■ BUILT-IN ALIGNAMENT&GO START-UP
■ INDUCTIVE SENSING START UP OPTION
■ RESYNCHRONIZATION
■ DYNAMIC & REVERSE BRAKE
■ CONTROLLABLE OUTPUT SLEW RATE

OTHER FUNCTIONS
■ 12V AND 5V MONITORING WITH EXTERNAL SET TRIP POINTS AND HYSTERESIS
■ POWER UP/DOWN SEQUENCING
■ LOW VOLTAGESENSE
■ 3.3V INPUT LOGIC COMPATIBILITY
■ THERMAL SHUTDOWN AND PRETHERMAL WARNING




Similar Part No. - L6269

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
More results


Similar Description - L6269

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
April 1999
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Sep-1999
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
Dual mode disk drive spindle and VCM motor driver
20-Apr-2006
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com