Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6275 Datasheet (PDF) - STMicroelectronics

L6275 Datasheet PDF - STMicroelectronics
Part # L6275
Download  L6275 Download
File Size   109.06 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?

L6275 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6275 Datasheet PDF - STMicroelectronics

Part # L6275
Download  L6275 Click to download

File Size   109.06 Kbytes
Page   17 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?

L6275 Datasheet (HTML) - STMicroelectronics


L6275 Product details

DESCRIPTION
The L6275 integrates into a single chip both spindle and VCM controllers as well as power stages. The device is designed for 12V disk drive application requiring up to 2.0A of spindle and 1.5A of VCM peak currents.

GENERAL
■ 5V (+/- 10%) OPERATION.
■ REGISTER BASED ARCHITECTURE
■ MINIMUM EXTERNAL COMPONENTS
■ BICMOS + VERTICAL DMOS (1.5mm)

VCM DRIVER
■ 1.5A DRIVE CAPABILITY
■ 0.9Ω TOTAL BRIDGE IMPEDANCE AT 25°C
■ LINEAR MODE
■ PHASE SHIFT MODULATION (PWM MODE)
■ INSTANTANEOUS, (GLICH FREE) SWITCH BETWEEN THE 2 MODES
■ CLASS AB OUTPUT DRIVERS
■ ZERO CROSSOVER DISTORSION
■ 14 BIT DAC DEFINE OUTPUT CURRENT
■ SELECTABLE TRANSCONDUCTANCE
■ 4 PROGRAMMABLE PARKING VOLTAGE
■ DYNAMIC BRAKE

SPINDLE DRIVER
■ 2.0A DRIVE CAPABILITY
■ 0.8Ω TOTAL BRIDGE IMPEDANCE AT 25°C
■ BEMF, INTERNAL OR EXTERNAL, PROCESSING
■ SENSOR-LESS MOTOR COMMUTATION
■ PROGRAMMABLE COMMUTATION PHASE DELAY
■ LINEAR MODE AND CONSTANT TOFF PWM OPERATION MODE
■ INTERNAL FREQUENCY LOCKED LOOP SPEED CONTROL (FLL)
■ BEMF RECTIFICATION DURING RETRACT
■ BUILT-IN ALIGNAMENT&GO START-UP
■ INDUCTIVE SENSING START UP OPTION
■ RESYNCHRONIZATION
■ DYNAMIC & REVERSE BRAKE
■ CONTROLLABLE OUTPUT SLEW RATE

OTHER FUNCTIONS
■ 5V MONITORING WITH EXTERNAL SET TRIP POINTS AND HYSTERESIS
■ POWER UP/DOWN SEQUENCING
■ LOW VOLTAGE SENSE
■ 3.3V INPUT LOGIC COMPATIBILITY
■ THERMAL SHUTDOWN AND PRETHERMAL WARNING
■ SYSTEM CLOCK WATCHDOG




Similar Part No. - L6275

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6270 STMICROELECTRONICS-L6270 Datasheet
72Kb / 10P
MILLI-ACTUATOR DRIVER
Feb-1999
L6271 STMICROELECTRONICS-L6271 Datasheet
72Kb / 10P
MILLI-ACTUATOR DRIVER
Feb-1999
logo
DAICO Industries, Inc.
L6278 DAICO-L6278 Datasheet
49Kb / 1P
Broadband LNA
L6278AC DAICO-L6278AC Datasheet
49Kb / 1P
Broadband LNA
More results


Similar Description - L6275

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM5193H PHILIPS-OM5193H Datasheet
246Kb / 56P
Disk drive spindle and VCM with servo controller
1998 Nov 02
logo
STMicroelectronics
L6254 STMICROELECTRONICS-L6254 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
April 1999
L6260 STMICROELECTRONICS-L6260 Datasheet
305Kb / 30P
4.5 – 5.5V DISK DRIVER SPINDLE & VCM, POWER & CONTROL COMBO?셎
November 1996
L6268 STMICROELECTRONICS-L6268 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L6269 STMICROELECTRONICS-L6269 Datasheet
109Kb / 17P
12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
L7200 STMICROELECTRONICS-L7200 Datasheet
262Kb / 23P
MOZART, 12V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Sep-1999
logo
Hitachi Semiconductor
HA13557AFH HITACHI-HA13557AFH Datasheet
120Kb / 28P
Combo (Spindle & VCM) Driver
HA13561F HITACHI-HA13561F Datasheet
114Kb / 26P
Combo (Spindle & VCM) Driver
logo
STMicroelectronics
L7207 STMICROELECTRONICS-L7207 Datasheet
58Kb / 3P
Dual mode disk drive spindle and VCM motor driver
20-Apr-2006
L7220 STMICROELECTRONICS-L7220 Datasheet
79Kb / 4P
Disk drive spindle and VCM motor driver
24-Dec-2007
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com