Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6278 Datasheet (PDF) - DAICO Industries, Inc.

L6278 Datasheet PDF - DAICO Industries, Inc.
Part # L6278
Download  L6278 Download
File Size   49.75 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description Broadband LNA

L6278 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6278 Datasheet PDF - DAICO Industries, Inc.

Part # L6278
Download  L6278 Click to download

File Size   49.75 Kbytes
Page   1 Pages
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.
Description Broadband LNA

L6278 Datasheet (HTML) - DAICO Industries, Inc.


L6278 Product details

FEATURES
■ 6 - 12 GHz
■ 2.0 dB Noise Figure Max
■ 18 dB Gain Minimum
■ Removable SMA Connectors




Similar Part No. - L6278

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6270 STMICROELECTRONICS-L6270 Datasheet
72Kb / 10P
MILLI-ACTUATOR DRIVER
Feb-1999
L6271 STMICROELECTRONICS-L6271 Datasheet
72Kb / 10P
MILLI-ACTUATOR DRIVER
Feb-1999
L6275 STMICROELECTRONICS-L6275 Datasheet
109Kb / 17P
5V DISK DRIVE SPINDLE & VCM, POWER & CONTROL "COMBO?
Apr-1999
More results


Similar Description - L6278

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGB741L7ESD INFINEON-BGB741L7ESD Datasheet
1Mb / 14P
ESD-Robust and Easy-To-Use Broadband LNA MMIC
Rev. 1.0, April 2009
logo
Guerrilla RF, Inc.
GRF4002 GUERRILLA-GRF4002 Datasheet
976Kb / 15P
Broadband LNA/Linear Driver 0.1??.8 GHz
GRF4014-W GUERRILLA-GRF4014-W Datasheet
1Mb / 18P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
GRF2114 GUERRILLA-GRF2114 Datasheet
964Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1 – 2.7 GHz
04/13/20
GRF2505 GUERRILLA-GRF2505 Datasheet
987Kb / 10P
Broadband LNA/Linear Driver 3.0 to 6.0 GHz
05/31/2019
GRF4001 GUERRILLA-GRF4001 Datasheet
987Kb / 13P
Broadband LNA/Linear Driver 0.1—6.0 GHz
10/01/19
GRF4003 GUERRILLA-GRF4003 Datasheet
990Kb / 15P
Broadband LNA/Linear Driver 0.1—3.8 GHz
10/01/19
GRF4004 GUERRILLA-GRF4004 Datasheet
894Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4005 GUERRILLA-GRF4005 Datasheet
937Kb / 13P
Broadband LNA/Linear Driver Tuning Range: 0.1—3.8 GHz
10/01/19
GRF4014 GUERRILLA-GRF4014 Datasheet
1Mb / 17P
Broadband LNA/Linear Driver Tuning Range: 0.1 to 6.0 GHz
2/16/23
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com