Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8911 Datasheet (PDF) - Renesas Technology Corp

P8911 Datasheet PDF - Renesas Technology Corp
Part # P8911
Download  P8911 Download
File Size   335.16 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC for Client DDR5 Memory Modules

P8911 Datasheet (PDF)

Go To PDF Page Download Datasheet
P8911 Datasheet PDF - Renesas Technology Corp

Part # P8911
Download  P8911 Click to download

File Size   335.16 Kbytes
Page   3 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC for Client DDR5 Memory Modules

P8911 Datasheet (HTML) - Renesas Technology Corp


P8911 Product details

▪ VIN_Bulk input supply range: 4.25V to 5.5V
▪ Three step-down switching regulators: SWA, SWB, SWC
▪ Programmable dual phase and single phase regulator for SWA and SWB
▪ Multi-Time Programmable Non-Volatile Memory
▪ Error injection capability
▪ Persistent error log registers
▪ Two LDO regulators: VOUT_1.8V, VOUT_1.0V
▪ Secure Mode and Programmable mode of operation
▪ Independently programmable output voltages, power-up, and
power-down sequence for switch regulators
▪ Output power good status reporting mechanism
▪ VIN_Bulk input supply protection feature: Input over voltage
▪ Flexible Open Drain IO (I²C) and Push Pull (I3C Basic) IO Support
▪ Flexible mechanism to enable switch regulators (w/VR_EN pin
or VR Enable command on I²C or I3C Basic interface)
▪ Idle Power State (P1 State)
▪ 28-QFN, 3 × 4 mm package




Similar Part No. - P8911

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P8910 RENESAS-P8910 Datasheet
104Kb / 1P
PMIC with Step-Down Switching and LDO Regulators
Mar 15, 2022
P8910-X0Z001FNG RENESAS-P8910-X0Z001FNG Datasheet
104Kb / 1P
PMIC with Step-Down Switching and LDO Regulators
Mar 15, 2022
P8910-X0Z001FNG8 RENESAS-P8910-X0Z001FNG8 Datasheet
104Kb / 1P
PMIC with Step-Down Switching and LDO Regulators
Mar 15, 2022
logo
Aplus Intergrated Circu...
P89170 APLUS-P89170 Datasheet
359Kb / 24P
VOICE OTP IC
More results


Similar Description - P8911

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX6604 MAXIM-MAX6604 Datasheet
206Kb / 16P
Precision Temperature Monitor for DDR Memory Modules
Rev 0; 10/05
logo
Rohm
BR34E02FVT-3 ROHM-BR34E02FVT-3 Datasheet
403Kb / 20P
Memory for Plug & Play DDR2/DDR3 SPD Memory (for Memory Modules)
logo
Richtek Technology Corp...
RT5028C RICHTEK-RT5028C Datasheet
495Kb / 40P
PMIC for Industrial Application
logo
Rohm
BD86852MUF-C ROHM-BD86852MUF-C Datasheet
2Mb / 46P
PMIC for Automotive Camera
logo
Maxim Integrated Produc...
MAX6604 MAXIM-MAX6604_V01 Datasheet
178Kb / 15P
Precision Temperature Monitor for DDR Memory Modules
2011
logo
Advantech Co., Ltd.
SOM-DH3000 ADVANTECH-SOM-DH3000 Datasheet
310Kb / 2P
Development Board for COM-HPC Client Pinout Modules
7-Jun-2022
SQR-RD5N ADVANTECH-SQR-RD5N Datasheet
331Kb / 1P
RDIMM DDR5 4800
28-Jun-2022
SQR-SD5 ADVANTECH-SQR-SD5 Datasheet
396Kb / 1P
ECC SODIMM DDR5
13-Jul-2022
SQR-SD5N ADVANTECH-SQR-SD5N Datasheet
503Kb / 1P
SODIMM DDR5
29-Oct-2021
logo
Richtek Technology Corp...
RTQ5119A RICHTEK-RTQ5119A Datasheet
2Mb / 149P
DDR5 VR on DIMM PMIC
March 2023
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com