Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P8910 Datasheet (PDF) - Renesas Technology Corp

P8910 Datasheet PDF - Renesas Technology Corp
Part # P8910
Download  P8910 Download
File Size   104.35 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC with Step-Down Switching and LDO Regulators

P8910 Datasheet (PDF)

Go To PDF Page Download Datasheet
P8910 Datasheet PDF - Renesas Technology Corp

Part # P8910
Download  P8910 Click to download

File Size   104.35 Kbytes
Page   1 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description PMIC with Step-Down Switching and LDO Regulators

P8910 Datasheet (HTML) - Renesas Technology Corp


P8910 Product details

• VIN_Bulk input supply range: 4.25V to 15.0V
• VIN_Mgmt input supply range: 3.0V to 3.6V
• Four step-down switching regulators: SWA, SWB,
SWC, and SWD
• Programmable dual-phase and single-phase
regulator for SWA and SWB
• Three LDO regulators: VBias, VOUT_1.8V,
VOUT_1.0V
• Automatic switchover from VIN_Mgmt input supply
to VIN_Bulk input supply
• Error injection capability
• Error log registers
• Write protect mode of operation
• Independently programmable output voltages,
power up and power down sequence for switch regulators
• Input and output power-good status reporting mechanism
• VIN_Bulk input supply protection feature: Input
overvoltage and input undervoltage




Similar Part No. - P8910

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
P8911 RENESAS-P8911 Datasheet
335Kb / 3P
PMIC for Client DDR5 Memory Modules
January 30, 2020
logo
Aplus Intergrated Circu...
P89170 APLUS-P89170 Datasheet
359Kb / 24P
VOICE OTP IC
More results


Similar Description - P8910

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1375 LINER-LT1375 Datasheet
232Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Gamma Microelectronics ...
GM7130 GAMMA-GM7130 Datasheet
244Kb / 14P
3A STEP-DOWN VOLTAGE SWITCHING REGULATORS
GM2574 GAMMA-GM2574 Datasheet
130Kb / 8P
1.5A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130HV GAMMA-GM7130HV Datasheet
143Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_1 Datasheet
142Kb / 9P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130 GAMMA-GM7130_13 Datasheet
501Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
GM7130_1312 GAMMA-GM7130_1312 Datasheet
2Mb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
logo
Linear Technology
LT1375 LINER-LT1375_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
LT1376 LINER-LT1376_15 Datasheet
511Kb / 28P
1.5A, 500kHz Step-Down Switching Regulators
logo
Shanghai Leiditech Elec...
GM7130HV LEIDITECH-GM7130HV Datasheet
696Kb / 10P
3A STEP DOWN VOLTAGE SWITCHING REGULATORS
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com