Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W149 Datasheet (PDF) - SpectraLinear Inc

W149 Datasheet PDF - SpectraLinear Inc
Part # W149
Download  W149 Download
File Size   202.35 Kbytes
Page   15 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description 440BX AGPset Spread Spectrum Frequency Synthesizer

W149 Datasheet (PDF)

Go To PDF Page Download Datasheet
W149 Datasheet PDF - SpectraLinear Inc

Part # W149
Download  W149 Click to download

File Size   202.35 Kbytes
Page   15 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description 440BX AGPset Spread Spectrum Frequency Synthesizer

W149 Datasheet (HTML) - SpectraLinear Inc


W149 Product details

Overview
The W149 was developed as a single chip device to meet the clocking needs of the Intel 440BX AGPset. In addition to the typical outputs provided by standard 100-MHz 440BX AGPset FTGs, the W149 adds a thirteen output buffer, supporting SDRAM DIMM modules in conjunction with the chipset.

Features
• Maximized EMI suppression using Cypress’s Spread Spectrum Technology
• Single chip system frequency synthesizer for Intel® 440BX AGPset
• Two copies of CPU output
• Six copies of PCI output
• One 48 MHz output for USB
• One 24 MHz output for SIO
• Two buffered reference outputs
• One IOAPIC output
• Thirteen SDRAM outputs provide support for 3 DIMMs
• Spread Spectrum feature always enabled
• SMBus interface for programming
• Power management control inputs
• Smooth CPU frequency switching from 66.8–124 MHz




Similar Part No. - W149

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W149 CYPRESS-W149 Datasheet
157Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
July 31, 2000 rev. A
W149 CYPRESS-W149 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results


Similar Description - W149

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144 CYPRESS-W144 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
November 2, 1999
W149 CYPRESS-W149 Datasheet
157Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
July 31, 2000 rev. A
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
440BX AGPset Spread Spectrum Frequency Synthesizer
W150 SPECTRALINEAR-W150 Datasheet
231Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
W150 CYPRESS-W150_03 Datasheet
175Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com