Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

W150 Datasheet (PDF) - SpectraLinear Inc

W150 Datasheet PDF - SpectraLinear Inc
Part # W150
Download  W150 Download
File Size   231.13 Kbytes
Page   14 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description 440BX AGPset Spread Spectrum Frequency Synthesizer

W150 Datasheet (PDF)

Go To PDF Page Download Datasheet
W150 Datasheet PDF - SpectraLinear Inc

Part # W150
Download  W150 Click to download

File Size   231.13 Kbytes
Page   14 Pages
Manufacturer  SPECTRALINEAR [SpectraLinear Inc]
Direct Link  http://www.spectralinear.com
Logo SPECTRALINEAR - SpectraLinear Inc
Description 440BX AGPset Spread Spectrum Frequency Synthesizer

W150 Datasheet (HTML) - SpectraLinear Inc


W150 Product details

Overview

The W150 was designed as a single-chip alternative to the standard two-chip Intel 440BX AGPset clock solution. It provides sufficient outputs to support most single-processor, four SDRAM DIMM designs.



Features

• Maximized electromagnetic interference (EMI) suppression using Cypress’s Spread Spectrum technology

• Single-chip system frequency synthesizer for Intel® 440BX AGPset

• Three copies of CPU output

• Seven copies of PCI output

• One 48 MHz output for USB/one 24 MHz for SIO

• Two buffered reference outputs

• Two IOAPIC outputs

• 17 SDRAM outputs provide support for four DIMMs

• Supports frequencies up to 150 MHz

• SMBus interface for programming

• Power management control inputs



 




Similar Part No. - W150

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
W150 CYPRESS-W150 Datasheet
175Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
List of Unclassifed Man...
W1507-760 ETC1-W1507-760 Datasheet
88Kb / 2P
15 Watt - Single Output Regulated Power Supplies
logo
Cypress Semiconductor
W150H CYPRESS-W150H Datasheet
175Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W150HT CYPRESS-W150HT Datasheet
175Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results


Similar Description - W150

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W144 CYPRESS-W144 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
November 2, 1999
W149 CYPRESS-W149 Datasheet
157Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
July 31, 2000 rev. A
W150 CYPRESS-W150 Datasheet
155Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
February 10, 2000, rev. A
logo
SpectraLinear Inc
W144 SPECTRALINEAR-W144 Datasheet
201Kb / 13P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 SPECTRALINEAR-W149 Datasheet
202Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
logo
Cypress Semiconductor
W144 CYPRESS-W144_04 Datasheet
159Kb / 14P
440BX AGPset Spread Spectrum Frequency Synthesizer
W149 CYPRESS-W149_02 Datasheet
158Kb / 16P
440BX AGPset Spread Spectrum Frequency Synthesizer
W150 CYPRESS-W150_03 Datasheet
175Kb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
W158 CYPRESS-W158_02 Datasheet
175Kb / 13P
Spread Spectrum System Frequency Synthesizer
logo
Silicon Laboratories
CYW150 SILABS-CYW150 Datasheet
1Mb / 15P
440BX AGPset Spread Spectrum Frequency Synthesizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com