Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSMA1003 Datasheet (PDF) - Infinite Electronics International, Inc.

FMSMA1003 Datasheet PDF - Infinite Electronics International, Inc.
Part # FMSMA1003
Download  FMSMA1003 Download
File Size   458.61 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2400-2500 MHz, 3.3 dBi, Stamped Metal AP/Router Embedded Antenna With IPEX Connector

FMSMA1003 Datasheet (PDF)

Go To PDF Page Download Datasheet
FMSMA1003 Datasheet PDF - Infinite Electronics International, Inc.

Part # FMSMA1003
Download  FMSMA1003 Click to download

File Size   458.61 Kbytes
Page   3 Pages
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Description 2400-2500 MHz, 3.3 dBi, Stamped Metal AP/Router Embedded Antenna With IPEX Connector

FMSMA1003 Datasheet (HTML) - Infinite Electronics International, Inc.


FMSMA1003 Product details

Features:
• High Efficiency
• Isotropic radiation patterns
• Linear polarization
• Ultra-Compact design
• Low loss material
• Extended operating
temperatures
• Case mounting or on
board mount
• Frequency stabilization
• IPEX connector - 40mm cable
• Single piece for easy buy




Similar Part No. - FMSMA1003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSMA1003-50PK FAIRVIEW-FMSMA1003-50PK Datasheet
460Kb / 3P
2400-2500 MHz, 3.3 dBi, Stamped Metal AP/Router Antenna With IPEX Connector-50 Pack
A
More results


Similar Description - FMSMA1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PE51061 PASTERNACK-PE51061 Datasheet
63Kb / 1P
Vertical Omni Antenna 2400-2500, 8.0 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
World Produts Inc.
WPANT10039 WPI-WPANT10039 Datasheet
65Kb / 2P
915 MHz Stamped Metal Embedded Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
900 MHz ISM band Stamped Metal Embedded Antenna
logo
TE Connectivity Ltd
2108517-2 TEC-2108517-2 Datasheet
535Kb / 2P
DUAL BAND WiFi (2400-2500 &5150-5875MHz) ANTENNA, STAMPED METAL, SMD
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com