Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FMSMA1003 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # FMSMA1003
Description  2400-2500 MHz, 3.3 dBi, Stamped Metal AP/Router Embedded Antenna With IPEX Connector
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

FMSMA1003 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  FMSMA1003 Datasheet HTML 1Page - Infinite Electronics International, Inc. FMSMA1003 Datasheet HTML 2Page - Infinite Electronics International, Inc. FMSMA1003 Datasheet HTML 3Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
REV
Page 1 of 3
Copyright © 2020
Fairview Microwave’s FMSMA1003 is a linear polarized antenna that ships same day
from our ISO 9001:2015 certified facility. The FMSMA1003 is a single-band antenna
with a maximum frequency of 2500 MHz and a minimum frequency of 2400 MHz.
This stamped metal antenna with an IPEX connector has a nominal gain of 3.3 dBi.
Fairview Microwave’s stamped metal antenna with a 2400 to 2500 MHz
frequency range has a maximum input VSWR of 2. The FMSMA1003
antenna has an overall length of 1.13 inches and a width of 0.15
inches. This omni directional antenna has an impedance of 50 Ohms.
Additional dimensions and specifications for these stamped metal antennas with
an IPEX connector are on our downloadable PDF datasheet above. Our technical
experts are on hand to assist you with any inquiries. Use our online ordering
system to purchase your FMSMA1003 antenna 24 hours a day with same-day
shipping and no MOQs (minimum order quantities).
Configuration
Design
Stamped Metal
Gain
3.3
Polarization
Linear
Cable Length
1.58 in [40.13 mm]
Connector Type
IPEX
Number of Ports
1
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
2,400
2,500
MHz
Input VSWR
2:1
Impedance
50
Ohms
Gain
3.3
dBi
Input Power
1
Watt
Mechanical Specifications
Size
Length
1.13 in [28.7 mm]
Width
0.15 in [3.81 mm]
Height
0.43 in [10.92 mm]
.
Environmental Specifications
Temperature
Operating Range
-40 to +85 deg C
.
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
FMSMA1003
DATA SHEET
2400-2500 MHz, 3.3 dBi, Stamped Metal AP/Router
Embedded Antenna With IPEX Connector
Fairview Microwave
301 Leora Ln., Suite 100
Lewisville, TX 75056
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Features:
• High Efficiency
• Isotropic radiation patterns
• Linear polarization
• Ultra-Compact design
• Low loss material
• Extended operating
temperatures
• Case mounting or on
board mount
• Frequency stabilization
• IPEX connector - 40mm cable
• Single piece for easy buy
Applications:
• IoT, M2M, Telemetry
• Wireless Remote Control
• Personal Area Networks(PAN)
• Industrial/Commercial
Equipment
• 2.4/5 GHz - Wi-Fi/BT/BLE/
ZigBee/ISM applications
• IEEE802.11a/b/g/n/ac
embedded applications
• Remote Technology / Monitoring
• Consumer Tracking
• Smart Home / Wearables
/ Devices
• Agriculture, healthcare,
digital signage


Similar Part No. - FMSMA1003

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
FMSMA1003-50PK FAIRVIEW-FMSMA1003-50PK Datasheet
460Kb / 3P
2400-2500 MHz, 3.3 dBi, Stamped Metal AP/Router Antenna With IPEX Connector-50 Pack
A
More results

Similar Description - FMSMA1003

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE51030 PASTERNACK-PE51030 Datasheet
129Kb / 1P
Vertical Omni Antenna 2400 MHz, 10.0 dBi
PE51031 PASTERNACK-PE51031 Datasheet
66Kb / 1P
Vertical Omni Antenna 2400 MHz, 12.0 dBi
PE51049 PASTERNACK-PE51049 Datasheet
92Kb / 1P
WiMax Panel Antenna 2400-2500 MHz, 19 dBi
PE51061 PASTERNACK-PE51061 Datasheet
63Kb / 1P
Vertical Omni Antenna 2400-2500, 8.0 dBi
PE51088 PASTERNACK-PE51088 Datasheet
283Kb / 1P
Mini Omni Antenna 2400-2500 & 4900-5825 MHz 2.0 dBi
PE51133 PASTERNACK-PE51133 Datasheet
256Kb / 1P
Mini Vertical Antenna 2400-2500 MHz 3 dBi
logo
World Produts Inc.
WPANT10039 WPI-WPANT10039 Datasheet
65Kb / 2P
915 MHz Stamped Metal Embedded Antenna
WPANT10071 WPI-WPANT10071 Datasheet
285Kb / 5P
900 MHz ISM band Stamped Metal Embedded Antenna
logo
TE Connectivity Ltd
2108517-2 TEC-2108517-2 Datasheet
535Kb / 2P
DUAL BAND WiFi (2400-2500 &5150-5875MHz) ANTENNA, STAMPED METAL, SMD
2195772-1 TEC-2195772-1 Datasheet
2Mb / 2P
2400-2500 MHz 5DBI ANTENNA
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com