Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADMV1455BBCZ Datasheet (PDF) - Analog Devices

ADMV1455BBCZ Datasheet PDF - Analog Devices
Part # ADMV1455BBCZ
Download  ADMV1455BBCZ Download
File Size   7108.37 Kbytes
Page   141 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 17.7GHz to 55GHz, Wideband, Microwave Downconverter

ADMV1455BBCZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADMV1455BBCZ Datasheet PDF - Analog Devices

Part # ADMV1455BBCZ
Download  ADMV1455BBCZ Click to download

File Size   7108.37 Kbytes
Page   141 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 17.7GHz to 55GHz, Wideband, Microwave Downconverter

ADMV1455BBCZ Datasheet (HTML) - Analog Devices


ADMV1455BBCZ Product details

FEATURES
► Wideband RF input frequency range: 17.7GHz to 55GHz
► Integrated RF chain features
► Tunable image rejection filters
► Gain control DSAs
► Integrated LO chain features
► Input frequency range: 8.85GHz to 27.5GHz
► Internal 2× multiplier
► Tunable LO harmonic rejection filters
► I/Q phase correction
► Two frequency translation modes
► IF single-ended output (2GHz to 12GHz)
► Baseband I/Q differential output (DC to 8GHz)
► I/Q baseband mode programmable features
► Imbalance optimization
► Common-mode voltages
► DC offset correction
► Gain selection
► High gain (50Ω differential, DC to 8GHz)
► Low gain (100Ω differential, DC to 4GHz)
► IF mode programmable features
► Image rejection optimization
► Tunable band-pass filter
► Gain control DSAs
► Internal power detectors with programmable automatic powerdown
overload protection
► NVM factory calibration to minimize part to part variations
► Simple SPI: 3-wire or 4-wire
► General-purpose logic outputs for integration with other chips in
a system
► LUT logic address inputs for fast frequency hopping applications
► 120-ball, 6mm × 6.5mm, CSP_BGA package




Similar Part No. - ADMV1455BBCZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADMV1009 AD-ADMV1009 Datasheet
435Kb / 23P
12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
4/2018-Rev. A to Rev. B
ADMV1009-EVALZ AD-ADMV1009-EVALZ Datasheet
435Kb / 23P
12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
4/2018-Rev. A to Rev. B
ADMV1009AEZ AD-ADMV1009AEZ Datasheet
435Kb / 23P
12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
4/2018-Rev. A to Rev. B
ADMV1009AEZ-R7 AD-ADMV1009AEZ-R7 Datasheet
435Kb / 23P
12.7 GHz to 15.4 GHz, GaAs, MMIC, Upper Sideband, Differential Upconverter
4/2018-Rev. A to Rev. B
ADMV1010 AD-ADMV1010 Datasheet
401Kb / 21P
12.6 GHz to 15.4 GHz, GaAs, MMIC, I/Q Downconverter
4/2018-Rev. A to Rev. B
More results


Similar Description - ADMV1455BBCZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
February 2003
logo
Tyco Electronics
MD59-0044 MACOM-MD59-0044 Datasheet
321Kb / 11P
Wideband Downconverter 0.7-2.5GHz
logo
Intersil Corporation
ISL5416 INTERSIL-ISL5416_04 Datasheet
1Mb / 71P
Four-Channel Wideband Programmable DownConverter
August 2004
logo
Analog Devices
AD6636 AD-AD6636_15 Datasheet
1Mb / 80P
150 MSPS, Wideband, Digital Downconverter
REV. A
logo
RF Micro Devices
RFRX1701 RFMD-RFRX1701 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 26.5GHz
RFRX1702 RFMD-RFRX1702 Datasheet
1Mb / 7P
GaAs MMIC IQ Downconverter 17.7GHz to 19.7GHz
logo
Renesas Technology Corp
ISL5416 RENESAS-ISL5416 Datasheet
2Mb / 71P
Four-Channel Wideband Programmable DownConverter
logo
Analog Devices
ADMV1013 AD-ADMV1013 Datasheet
1Mb / 39P
Wideband, Microwave Upconverter
4/2019-Rev. 0 to Rev. A
ADMV1014 AD-ADMV1014 Datasheet
2Mb / 42P
24 GHz to 44 GHz, Wideband, Microwave Downconverter
4/2019-Rev. 0 to Rev. A
ADMV4640 AD-ADMV4640 Datasheet
2Mb / 41P
10.7 GHz to 12.7 GHz, SATCOM, Microwave Downconverter
Rev. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com