Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP61041 Datasheet (PDF) - Diodes Incorporated

AP61041 Datasheet PDF - Diodes Incorporated
Part # AP61041
Download  AP61041 Download
File Size   355.75 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Tiny, Ultra-Low IQ, 400mA COT, Synchronous Buck Converters Increase Operating Battery Life in Portable Devices

AP61041 Datasheet (PDF)

Go To PDF Page Download Datasheet
AP61041 Datasheet PDF - Diodes Incorporated

Part # AP61041
Download  AP61041 Click to download

File Size   355.75 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description Tiny, Ultra-Low IQ, 400mA COT, Synchronous Buck Converters Increase Operating Battery Life in Portable Devices

AP61041 Datasheet (HTML) - Diodes Incorporated




Similar Part No. - AP61041

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP61062Q DIODES-AP61062Q Datasheet
367Kb / 2P
5.5V, 2A, Low IQ, Synchronous Buck Converter in Tiny SOT563 for Protected Point-of-Load Automotive Rails
August 2025
AP61062Q DIODES-AP61062Q Datasheet
350Kb / 2P
5.5V, 4A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny V-DFN1515-6/SWP (Type UX)
June 2025
AP61062Q DIODES-AP61062Q Datasheet
397Kb / 2P
I2C 5.5V, 4A, Synchronous Buck Converter Provides a Versatile High Power Density Automotive POL Solution
More results


Similar Description - AP61041

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6655 SIPEX-SP6655 Datasheet
181Kb / 16P
High Efficiency 400mA Synchronous Buck Regulator Ideal for portable designs powered with Li Ion battery
logo
Linear Technology
LTC3522 LINER-LTC3522 Datasheet
260Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
logo
Micrel Semiconductor
MIC5325 MICREL-MIC5325 Datasheet
293Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
MIC5325 MICREL-MIC5325_11 Datasheet
407Kb / 11P
Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
logo
Texas Instruments
TPS43350-Q1 TI1-TPS43350-Q1 Datasheet
1Mb / 31P
LOW IQ, DUAL SYNCHRONOUS BUCK CONTROLLER
logo
Linear Technology
DC1967A LINER-DC1967A_15 Datasheet
98Kb / 2P
400mA WIRELESS SYNCHRONOUS BUCK BATTERY CHARGER
LTC3522 LINER-LTC3522_15 Datasheet
282Kb / 20P
Synchronous 400mA Buck-Boost and 200mA Buck Converters
LTC4121EUD LINER-LTC4121EUD Datasheet
1Mb / 8P
400mA Synchronous Buck Battery Charger
logo
Rohm
BD70522GUL ROHM-BD70522GUL Datasheet
2Mb / 28P
Ultra Low Iq Buck Converter
logo
Diodes Incorporated
AP61300Q DIODES-AP61300Q Datasheet
728Kb / 2P
5.5V, 3A, Low IQ, Automotive-Compliant, Synchronous Buck Converters in the Tiny SOT563
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com