Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11414C Datasheet (PDF) - Microchip Technology

PCI11414C Datasheet PDF - Microchip Technology
Part # PCI11414C
Download  PCI11414C Download
File Size   2575.99 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PCIe Switch with Integrated USB 3.2 Gen 2 Host Controller

PCI11414C Datasheet (PDF)

Go To PDF Page Download Datasheet
PCI11414C Datasheet PDF - Microchip Technology

Part # PCI11414C
Download  PCI11414C Click to download

File Size   2575.99 Kbytes
Page   52 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PCIe Switch with Integrated USB 3.2 Gen 2 Host Controller

PCI11414C Datasheet (HTML) - Microchip Technology


PCI11414C Product details

Features
• Integrated PCI switching fabric
- 512 byte maximum payload size
• Integrated PCIe physical interfaces
- 4-lane (4x 8 GT/s) upstream port
- Allowing single, dual, or four lane links
- 1-lane (1x 8 GT/s) downstream port
• Integrated USB 3.2 Gen 2 (10 Gbps) physical
interfaces
• Integrated xHCI USB 3.2 Gen 2 (10 Gbps) USB
host controller
- 2x 10 Gbps Gen 2 PHY
- 4x USB HS/FS/LS PHY
- Multiple config. options for Type-C® or Type-A
• 2.5 Gbps Ethernet MAC
- IEEE 802.3 compliant
- RMII support for 10/100 Mbps
- RGMII support for 10/100/1000 Mbps
- SGMII support for 1 Gbps
- SGMII+ support for 2.5 Gbps
- Jumbo frame support
• Precision Time Protocol
- IEEE Std 1588™-2008 E2E and P2P one
and two step support
- IEEE Std 1588-2008 Programmable Time
Compare output (e.g., 1PPS)
*USB Type-C® and USB-C® are trademarks of USB Implementers Forum.
• Two external power supplies: +3.3V and +1.1V
• Comprehensive power management features
- PCIe 3.1 LPSS (Low Power Sub States):
L2 (with aux. power supply)
LPSS L1.1 (snooze), L1.2 (off)
• Power and I/O
- Integrated power-on reset circuit with configurable
under/over-voltage protection
- Latch-up performance exceeds 150 mA per
EIA/JESD78, Class II
- JEDEC Class 2 ESD performance
• UARTs
- RS232/RS422/RS485
- Auto-direction control
- Standard and advanced speed support
- Basic or comprehensive signal support
• Additional features
- Multifunction GPIOs
- Programmable pin multiplexer
- Ability to use low-cost 25 MHz crystal or clock
for reduced BOM
- PCIe Precision Time Measurement (PTM)
- Support for Common Reference Clock and
Separate Reference Clocks (SRNS and SRIS)
- SPI peripheral interface
- SMBus target interface
- SMBus controller interface
- JTAG TAP
- PVT sensor
• Packaging
- Pb-free RoHS compliant 164-pin DQFN package
• Environmental
- Available in commercial, industrial, and
AEC-Q100 Grade 3 temperature ranges




Similar Part No. - PCI11414C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PCI11010C MICROCHIP-PCI11010C Datasheet
2Mb / 46P
PCIe Switch with Integrated Ethernet MAC and Programmable I/O
11-11-25
logo
Texas Instruments
PCI1131 TI-PCI1131 Datasheet
379Kb / 26P
PCI-TO-CARDBUS CONTROLLER UNIT
More results


Similar Description - PCI11414C

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
USB7206C MICROCHIP-USB7206C Datasheet
1Mb / 56P
6-Port USB 3.2 Gen 2 Controller Hub
02/28/20
USB7216C MICROCHIP-USB7216C Datasheet
1Mb / 60P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252C MICROCHIP-USB7252C Datasheet
1Mb / 63P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7006 MICROCHIP-USB7006 Datasheet
1Mb / 55P
6-Port USB 3.2 Gen 1 Controller Hub
02/28/20
USB7216 MICROCHIP-USB7216 Datasheet
1Mb / 61P
6-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252 MICROCHIP-USB7252 Datasheet
1Mb / 65P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub
02/28/20
USB7252P MICROCHIP-USB7252P Datasheet
1Mb / 64P
4-Port USB 3.2 Gen 2 Type-C짰 Controller Hub with PD Support
02/28/20
USB7016 MICROCHIP-USB7016_V01 Datasheet
771Kb / 60P
6-Port USB 3.2 Gen 1 SmartHubTM Controller
09/14/21
logo
Tripp Lite. All Rights ...
U357-1M2-NVMEG2 TRIPPLITE-U357-1M2-NVMEG2 Datasheet
164Kb / 3P
M.2 SSD Enclosure for PlayStation 5 - USB 3.2 Gen 2, PCIe and NVMe, Aluminum Housing
logo
Kycon, Inc.
KUSB67X-SMTTH-CS4-BTR KYCON-KUSB67X-SMTTH-CS4-BTR Datasheet
220Kb / 2P
USB 3.2 Gen 2, Type C Socket
REV. A1 10/23/19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com