Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11010C Datasheet (PDF) - Microchip Technology

PCI11010C Datasheet PDF - Microchip Technology
Part # PCI11010C
Download  PCI11010C Download
File Size   2381.47 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PCIe Switch with Integrated Ethernet MAC and Programmable I/O

PCI11010C Datasheet (PDF)

Go To PDF Page Download Datasheet
PCI11010C Datasheet PDF - Microchip Technology

Part # PCI11010C
Download  PCI11010C Click to download

File Size   2381.47 Kbytes
Page   46 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description PCIe Switch with Integrated Ethernet MAC and Programmable I/O

PCI11010C Datasheet (HTML) - Microchip Technology


PCI11010C Product details

Features
• Integrated PCI switching fabric
- 512 byte maximum payload size
• Integrated PCIe physical interfaces
- 2-lane (2x 8 GT/s) upstream port
- 1-lane (1x 8 GT/s) downstream port
• 2.5 Gbps Ethernet MAC
- IEEE 802.3 compliant
- RMII support for 10/100 Mbps
- RGMII support for 10/100/1000 Mbps
- SGMII support for 1 Gbps
- SGMII+ support for 2.5 Gbps
- Jumbo frame support
• Precision Time Protocol
- IEEE Std 1588™-2008 E2E and P2P one
and two step support
- IEEE Std 1588-2008 Programmable Time
Compare output (e.g., 1PPS)
• Two external power supplies: +3.3V and +1.1V
• Comprehensive power management features
- PCIe 3.1 LPSS (Low Power Sub States):
L2 (with aux. power supply)
LPSS L1.1 (snooze), L1.2 (off)
• Power and I/O
- Integrated power-on reset circuit with configurable
under/over-voltage protection
- Latch-up performance exceeds 150 mA per
EIA/JESD78, Class II
- JEDEC Class 2 ESD performance
• UARTs
- RS232/RS422/RS485
- Auto-direction control
- Standard and advanced speed support
- Basic or comprehensive signal support
• Additional features
- Multifunction GPIOs
- Programmable pin multiplexer
- Ability to use low-cost 25 MHz crystal or clock
for reduced BOM
- PCIe Precision Time Measurement (PTM)
- Support for Common Reference Clock and
Separate Reference Clocks (SRNS and SRIS)
- SPI peripheral interface
- SMBus target interface
- SMBus controller interface
- JTAG TAP
- PVT sensor
• Packaging
- Pb-free RoHS compliant 100-pin VQFN package
• Environmental
- Available in commercial, industrial, AEC-Q100
Grade 3, and AEC-Q100 Grade 2 temperature
ranges




Similar Part No. - PCI11010C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1131 TI-PCI1131 Datasheet
379Kb / 26P
PCI-TO-CARDBUS CONTROLLER UNIT
logo
Microchip Technology
PCI11414C MICROCHIP-PCI11414C Datasheet
2Mb / 52P
PCIe Switch with Integrated USB 3.2 Gen 2 Host Controller
11-11-25
More results


Similar Description - PCI11010C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4510 MAXIM-DS4510 Datasheet
581Kb / 12P
CPU Supervisor with Nonvolatile Memory and Programmable I/O
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Synaptics Incorporated.
CX92125 CONEXANT-CX92125 Datasheet
222Kb / 2P
Integrated 10/100 Ethernet MAC
CX92235 CONEXANT-CX92235 Datasheet
222Kb / 2P
Integrated 10/100 Ethernet MAC
CX92735 CONEXANT-CX92735 Datasheet
199Kb / 2P
Integrated Ethernet MAC
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Red Lion Controls. Inc
ETHERTRAK2 REDLION-ETHERTRAK2 Datasheet
1Mb / 4P
Ethernet I/O Modules
ET-GT-ST-3 REDLION-ET-GT-ST-3 Datasheet
876Kb / 2P
Ethernet I/O Gateway
logo
Moxa Inc.
E1200 MOXA-E1200 Datasheet
2Mb / 9P
Ethernet remote I/O with 2-port Ethernet switch
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com