Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11010C Datasheet(PDF) 6 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 6 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 2Page - Microchip Technology PCI11010C Datasheet HTML 3Page - Microchip Technology PCI11010C Datasheet HTML 4Page - Microchip Technology PCI11010C Datasheet HTML 5Page - Microchip Technology PCI11010C Datasheet HTML 6Page - Microchip Technology PCI11010C Datasheet HTML 7Page - Microchip Technology PCI11010C Datasheet HTML 8Page - Microchip Technology PCI11010C Datasheet HTML 9Page - Microchip Technology PCI11010C Datasheet HTML 10Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 6
PCI11010C
1.2
Buffer Types
The pin buffer type definitions are detailed in Table 1-2. Refer to Chapter 3.0, "Pin Descriptions and Configuration" for
details on individual pin buffer type assignments.
TABLE 1-2:
BUFFER TYPE DESCRIPTIONS
Buffer
Description
AI
Analog input.
DB
Debouncer available on input pin (refer to Section 3.4, "Debouncers").
I
Input.
I/O-P
Analog input/output defined per the [PCIe3.1a] Specification.
ICLK
Crystal oscillator input pin.
IR
RBIAS pin.
IS
Input with Schmitt trigger in the
VDD33 power domain.
LVDS
Low Voltage Differential Signaling.
O_V10
Fixed voltage output with programmable output buffer up to 10 mA (2/4/8/10 mA) in the
VDD33 power domain.
OD_V10
Fixed voltage open drain output with programmable output buffer up to 10 mA
(2/4/8/10 mA) in the
VDD33 power domain.
OCLK
Crystal oscillator output pin.
P
Power pin.
PD
Internal pull-down. Unless otherwise noted in the pin description, internal pull-downs
are always enabled.
Internal pull-down resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load that
must be pulled low, an external resistor must be added.
PU
Internal pull-up. Unless otherwise noted in the pin description, internal pull-ups are
always enabled.
Internal pull-up resistors prevent unconnected inputs from floating. Do not rely on
internal resistors to drive signals external to the device. When connected to a load that
must be pulled high, an external resistor must be added.
RGMII_I
High-speed input defined per the Reduced Gigabit Media Independent Interface
(RGMII) 2.0 Specification.
RGMII_O
High-speed output defined per the Reduced Gigabit Media Independent Interface
(RGMII) 2.0 Specification.
SGMII_I
High-speed input defined per the Serial Gigabit Media Independent Interface (SGMII)
1.8 Specification.
SGMII_O
High-speed output defined per the Serial Gigabit Media Independent Interface (SGMII)
1.8 Specification.
VIS
Variable voltage Schmitt-triggered input in the
VDDVARIO power domain.
VO_V10
Variable voltage output with programmable output buffer up to 10 mA
(2/4/8/10 mA) in the
VDDVARIO power domain.
VOD_V10
Variable voltage open drain output with programmable output buffer up to 10 mA
(2/4/8/10 mA) in the
VDDVARIO power domain.
VIS-R
Variable voltage Schmitt-triggered input in the
VDDRGMII power domain.
VO-R_V10
Variable voltage output with programmable output buffer up to 10 mA
(2/4/8/10 mA) in the
VDDRGMII power domain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com