Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11010C Datasheet(PDF) 21 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 21 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 17Page - Microchip Technology PCI11010C Datasheet HTML 18Page - Microchip Technology PCI11010C Datasheet HTML 19Page - Microchip Technology PCI11010C Datasheet HTML 20Page - Microchip Technology PCI11010C Datasheet HTML 21Page - Microchip Technology PCI11010C Datasheet HTML 22Page - Microchip Technology PCI11010C Datasheet HTML 23Page - Microchip Technology PCI11010C Datasheet HTML 24Page - Microchip Technology PCI11010C Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 21
PCI11010C
Wide-Range PLL
Ground
VSSWRPLL
P
Wide-Range PLL ground.
This is the analog ground reference for the
VDD33WRPLL power input pin. The VSSWRPLL
pin must not be connected to any other signals or
ground references external to the ASIC.
+1.1V PCIe
PHY A
Supply Input
VDD11PA
P
+1.1V PCIe PHY A supply input.
Provides +1.1V supply to PCIe PHY A.
See Note 3-2.
+1.1V PCIe
PHY C
Supply Input
VDD11PC
P
+1.1V PCIe PHY C supply input.
Provides +1.1V supply to PCIe PHY C.
See Note 3-2.
+3.3V PCIe
PHY A
Supply Input
VDD33PA
P
+3.3V PCIe PHY A supply input.
Provides +3.3V supply to PCIe PHY A.
See Note 3-3.
+3.3V PCIe
PHY C
Supply Input
VDD33PC
P
+3.3V PCIe PHY C supply input.
Provides +3.3V supply to PCIe PHY C.
See Note 3-3.
+3.3V Ethernet
SerDes Supply
Input
VDD33ENET
P
+3.3V SGMII+ SerDes supply input.
Provides +3.3V supply to the SGMII+ SerDes.
See Note 3-3.
+1.1V Ethernet
SerDes Supply
Input
VDD11ENET
P
+1.1V SGMII+ SerDes supply input.
Provides +1.1V supply to the SGMII+ SerDes.
See Note 3-2.
+1.8V to +3.3V
Variable
Ethernet SerDes
Supply Input
VDDRGMII
P
+1.8V to +3.3V variable SGMII+ SerDes supply
input.
Provides +1.8/2.5/3.3V variable supply to the
SGMII+ SerDes.
+3.3V PVT
Supply Input
VDD33PVTREF
P
+3.3V PVT thermal monitor power supply.
See Note 3-3.
PVT Ground
VSSPVTREF
P
PVT thermal monitor ground.
This is the analog ground reference for the
VDD33PVTREF power input pin. The VSSPVTREF
pin must not be connected to any other signals or
ground references external to the ASIC.
+1.1V 25 MHz
XTAL Clock
Supply Input
VDD11XTAL
P
+1.1V 25 MHz XTAL clock supply input.
See Note 3-2.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com