Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11010C Datasheet(PDF) 35 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 35 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 31Page - Microchip Technology PCI11010C Datasheet HTML 32Page - Microchip Technology PCI11010C Datasheet HTML 33Page - Microchip Technology PCI11010C Datasheet HTML 34Page - Microchip Technology PCI11010C Datasheet HTML 35Page - Microchip Technology PCI11010C Datasheet HTML 36Page - Microchip Technology PCI11010C Datasheet HTML 37Page - Microchip Technology PCI11010C Datasheet HTML 38Page - Microchip Technology PCI11010C Datasheet HTML 39Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 35
PCI11010C
4.3
Power Consumption
TABLE 4-1:
DEVICE POWER CONSUMPTION
Typical Current (mA)
+1.1V Supplies
+3.3 Supplies
Reset Current
187.2
15.48
Sleep Current
329
42.8
Idle
414
57
Ethernet Active Current
RGMII @ 1000 Mbps link
421
87
SGMII @ 2500 Mbps link
480
78
Peripheral Active Current
4 UART channel with max baud rate (4 Mbps)
334
56
2 SPI Controller with 30 MHz speed
174
35
1 I2C Controller with 1 MHz speed
174
35
PCIe Active Current
2 lane UFP + 1 lane DFP at 8GT/s
426
83
Maximum Current
SGMII @ 2500 Mbps, 1 UART channel, 1 SPI Controller, 1
I2C Controller, 1 PCIe DFP at 8GT/s
628
90
Note: All active power data is based the maximum UFP lane width (see PCIe Active Current above).
Note: End system integrators should ensure their power design meets the power consumption requirements for
their individual systems maximal use-case by taking power measurements during development.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com