Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11010C Datasheet(PDF) 17 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 17 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 13Page - Microchip Technology PCI11010C Datasheet HTML 14Page - Microchip Technology PCI11010C Datasheet HTML 15Page - Microchip Technology PCI11010C Datasheet HTML 16Page - Microchip Technology PCI11010C Datasheet HTML 17Page - Microchip Technology PCI11010C Datasheet HTML 18Page - Microchip Technology PCI11010C Datasheet HTML 19Page - Microchip Technology PCI11010C Datasheet HTML 20Page - Microchip Technology PCI11010C Datasheet HTML 21Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 17
PCI11010C
RMII (10/100 PHY) Pins
RMII Carrier
Sense (CRS)
and
RX Data Valid
(RX_DV)
RMII_CRS_DV
RGMII_I
Multiplexed on alternate clock cycles. In 10 Mbit/s
mode, it alternates every 10 clock cycles.
Note: This pin function is muxed with SGMII_RXP.
RMII 50 MHz
Reference Clock
(in)
RMII_REF_CLK_IN
RGMII_I
Reference clock may be an input on both devices
from an external clock source, or may be driven from
the MAC to the PHY, or may be driven from the PHY
to the MAC.
Note: This signal can be shared with an input-only
programmable pin function.
Note: This pin function is muxed with SGMII_RXM.
RMII Receive
Data 0
RMII_RXD0
RGMII_I
RMII Receive Data 0. The PHY transfers data to the
MAC using this signal.
Note: This signal can be shared with an input-only
programmable pin function.
Note: This pin function is muxed with SGMII_TXP.
RMII Receive
Data 1
RMII_RXD1
RGMII_I
RMII Receive Data 1. The PHY transfers data to the
MAC using this signal.
Note: This signal can be shared with an input-only
programmable pin function.
Note: This pin function is muxed with SGMII_TXM.
RMII Receive
Error
RMII_RX_ER
RGMII_I
RMII Receive error.
Note: This pin function is muxed with SGMII_-
CLKM.
RMII 50 MHz
Reference Clock
(out)
RMII_REF_CLK_OUT
RGMII_O
Reference clock may be an input on both devices
from an external clock source, or may be driven from
the MAC to the PHY, or may be driven from the PHY
to the MAC.
Note: This signal can be shared with an input-only
programmable pin function.
Note: This pin function is muxed with SGMII_CLKP.
RMII Transmit
Control
RMII_TX_EN
RGMII_O
Indicates the transmit data enable (TXEN) function
per the RMII specification.
RMII Transmit
Data 0
RMII_TXD0
RGMII_O
RMII Transmit Data 0. The MAC transmits data to the
PHY using this signal.
RMII Transmit
Data 1
RMII_TXD1
RGMII_O
RMII Transmit Data 1. The MAC transmits data to the
PHY using this signal.
SGMII+ (10/100/1000/2.5G PHY) Pins
SGMII+
Receive Data+
SGMII_RXP
SGMII_I
SGMII+ Receive Data+
Note: This pin function is muxed with RGMII_RX-
_CTL.
TABLE 3-2:
PIN DESCRIPTIONS (CONTINUED)
Name
Symbol
Buffer Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com