Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11010C Datasheet(PDF) 1 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 1 Page - Microchip Technology

  PCI11010C Datasheet HTML 1Page - Microchip Technology PCI11010C Datasheet HTML 2Page - Microchip Technology PCI11010C Datasheet HTML 3Page - Microchip Technology PCI11010C Datasheet HTML 4Page - Microchip Technology PCI11010C Datasheet HTML 5Page - Microchip Technology PCI11010C Datasheet HTML 6Page - Microchip Technology PCI11010C Datasheet HTML 7Page - Microchip Technology PCI11010C Datasheet HTML 8Page - Microchip Technology PCI11010C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 1
Highlights
• PCIe (8GT/s) switch fabric
• 1-lane PCIe (8 GT/s) expansion port
• 2.5 Gbps Ethernet MAC
- (RMII/RGMII/SGMII/SGMII+)
• 802.3bz reference design to achieve 10/100/
1000/2500BASE-T networking
• I/O Multiplexer (SMBus/SPI/UART/GPIO)
Target Applications
• Industrial PCs (Network interface, PCIe fanout)
• Reaching network interfaces beyond traditional
10/100/1000/2500BASE-T networking
Features
• Integrated PCI switching fabric
- 512 byte maximum payload size
• Integrated PCIe physical interfaces
- 2-lane (2x 8 GT/s) upstream port
- 1-lane (1x 8 GT/s) downstream port
• 2.5 Gbps Ethernet MAC
- IEEE 802.3 compliant
- RMII support for 10/100 Mbps
- RGMII support for 10/100/1000 Mbps
- SGMII support for 1 Gbps
- SGMII+ support for 2.5 Gbps
- Jumbo frame support
• Precision Time Protocol
- IEEE Std 1588™-2008 E2E and P2P one
and two step support
- IEEE Std 1588-2008 Programmable Time
Compare output (e.g., 1PPS)
• Two external power supplies: +3.3V and +1.1V
• Comprehensive power management features
- PCIe 3.1 LPSS (Low Power Sub States):
L2 (with aux. power supply)
LPSS L1.1 (snooze), L1.2 (off)
• Power and I/O
- Integrated power-on reset circuit with configurable
under/over-voltage protection
- Latch-up performance exceeds 150 mA per
EIA/JESD78, Class II
- JEDEC Class 2 ESD performance
• UARTs
- RS232/RS422/RS485
- Auto-direction control
- Standard and advanced speed support
- Basic or comprehensive signal support
• Additional features
- Multifunction GPIOs
- Programmable pin multiplexer
- Ability to use low-cost 25 MHz crystal or clock
for reduced BOM
- PCIe Precision Time Measurement (PTM)
- Support for Common Reference Clock and
Separate Reference Clocks (SRNS and SRIS)
- SPI peripheral interface
- SMBus target interface
- SMBus controller interface
- JTAG TAP
- PVT sensor
• Packaging
- Pb-free RoHS compliant 100-pin VQFN package
• Environmental
- Available in commercial, industrial, AEC-Q100
Grade 3, and AEC-Q100 Grade 2 temperature
ranges
This document is a truncated version of the full
PCI11010C datasheet. The comprehensive ver-
sion may be obtained by contacting your Microchip
sales representative.
PCI11010C
PCIe Switch with Integrated Ethernet MAC
and Programmable I/O


Similar Part No. - PCI11010C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1131 TI-PCI1131 Datasheet
379Kb / 26P
PCI-TO-CARDBUS CONTROLLER UNIT
logo
Microchip Technology
PCI11414C MICROCHIP-PCI11414C Datasheet
2Mb / 52P
PCIe Switch with Integrated USB 3.2 Gen 2 Host Controller
11-11-25
More results

Similar Description - PCI11010C

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS4510 MAXIM-DS4510 Datasheet
581Kb / 12P
CPU Supervisor with Nonvolatile Memory and Programmable I/O
logo
List of Unclassifed Man...
IP100ALF ETC2-IP100ALF Datasheet
1Mb / 97P
Integrated 10/100 Ethernet MAC PHY
logo
Synaptics Incorporated.
CX92125 CONEXANT-CX92125 Datasheet
222Kb / 2P
Integrated 10/100 Ethernet MAC
CX92235 CONEXANT-CX92235 Datasheet
222Kb / 2P
Integrated 10/100 Ethernet MAC
CX92735 CONEXANT-CX92735 Datasheet
199Kb / 2P
Integrated Ethernet MAC
logo
National Instruments Co...
NIPXI-7813R NI-NIPXI-7813R_14 Datasheet
377Kb / 17P
Integrated Analog and Digital I/O with FPGA Technology
logo
Red Lion Controls. Inc
ETHERTRAK2 REDLION-ETHERTRAK2 Datasheet
1Mb / 4P
Ethernet I/O Modules
ET-GT-ST-3 REDLION-ET-GT-ST-3 Datasheet
876Kb / 2P
Ethernet I/O Gateway
logo
Moxa Inc.
E1200 MOXA-E1200 Datasheet
2Mb / 9P
Ethernet remote I/O with 2-port Ethernet switch
logo
Microchip Technology
LAN7430 MICROCHIP-LAN7430 Datasheet
1Mb / 77P
Low Power PCIe to Gigabit Ethernet Controller with Integrated Ethernet MAC / PHY
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com