Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11010C Datasheet(PDF) 4 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 4 Page - Microchip Technology

  PCI11010C Datasheet HTML 1Page - Microchip Technology PCI11010C Datasheet HTML 2Page - Microchip Technology PCI11010C Datasheet HTML 3Page - Microchip Technology PCI11010C Datasheet HTML 4Page - Microchip Technology PCI11010C Datasheet HTML 5Page - Microchip Technology PCI11010C Datasheet HTML 6Page - Microchip Technology PCI11010C Datasheet HTML 7Page - Microchip Technology PCI11010C Datasheet HTML 8Page - Microchip Technology PCI11010C Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 4
PCI11010C
I²C
Inter-integrated Circuit: multi-Controller/multi-Target architecture. I²C is a 2-wire bus consisting
of: I²C SDA, I²C SCL. Defined in [I2CBus].
I²C SCL
I²C SCL is an abbreviation for the I²C Serial Clock line.
I²C SDA
I²C SDA is an abbreviation for the I²C Serial Data line.
I²C Controller
An I²C Controller refers to any device that initiates I²C transactions and drives the clock as
defined in [I2CBus].
I²C Controller Core
The I²C Controller Core implements both an I²C Controller and I²C Target.
I²C Target
An I²C Target is the Target of an I²C transaction which is driven by an I²C Controller as defined
in [I2CBus].
In-Band
In-Band refers to signaling sent using the main communication channel. See also Out-Of-Band.
IRQ
IRQ is an abbreviation for the Interrupt Request Line.
MAC
The Medium Access Control (MAC) forms part of the Data Link Layer as defined in OSI. The
MAC is responsible for controlling how devices in a network gain access to a medium and
permission to transmit data.
MFD
MFD is an abbreviation for Multi-Function Device.
Multi-Function Device
A Multi-Function Device is a PCI Device with more than one Physical Function. Physical
Functions in an MFD are numbered PF0, PF1, PF2 etc.
N/A
N/A is an abbreviation for Not Applicable.
NC
NC is an abbreviation for Not Connected.
OCS
OCS is an abbreviation for Over-Current Sense.
OEM
OEM is an abbreviation for Original Equipment Manufacturer.
OTP
OTP is an abbreviation for One Time Programmable Memory.
Out-Of-Band
Out-Of-Band refers to signaling sent outside of the main communication channel. See also In-
Band.
PCB
PCB is an abbreviation for Printed Circuit Board.
PCI Bridge
The PCI Bridge is one of several PCI defined System Elements. A Function that connects a PCI/
PCI-X segment or PCI Express Port with an internal component interconnect or with another
PCI/PCI-X bus segment or PCI Express Port. A virtual PCI Bridge in a Root Complex or PCI
Switch must use the software configuration interface described in [PCIe5].
PCI Switch
A PCI Switch is a [PCIe5] System Element that connects two or more Ports to allow Packets to
be routed from one Port to another.
To configuration software, a PCI Switch appears as a collection of virtual PCI Bridges.
PCI Configuration Request
A PCI Configuration Request PCI Packet targeted at the Configuration Space.
See [PCIe5].
Note: This is not the same as a System Configuration Request.
PF
PF is an abbreviation for Physical Function.
PHY
PHY is an abbreviation for “physical layer”, an electronic circuit required to implement physical
layer functions of OSI in a network interface controller.
Physical Function
Within a Device, the Physical Function, is an addressable entity in Configuration Space
associated with a single Function Number. Used to refer to one Function of a Multi-Function
Device, or to the only Function in a Single-Function Device.
Pin
A Pin is an external connection on the package enabling connection to the PCB.
PIO
PIO is an abbreviation for Programmable I/O. These are fully programmable input/output lines.
PLL
PLL is an abbreviation for Phase-Locked Loop.
Port Partner
Port Partner refers to a remote port which is connected to the device’s local port.
PVT Sensor
PVT Sensor is an abbreviation for Process-Voltage-Temperature Sensor.
QFN
QFN is an abbreviation for a Quad-Flat No-leads package.
RAM
RAM is an abbreviation for Random-access Memory (read/write).
RFE
RFE is an abbreviation for Receive Filtering Engine.
RGMII
RGMII is an abbreviation for Reduced Gigabit Media-Independent Interface as defined in
[RGMII].
RMII
RMII is an abbreviation for Reduced Media-Independent Interface as defined in [RMII].
ROM
ROM is an abbreviation for Read-only Memory.
TABLE 1-1:
GENERAL TERMS (CONTINUED)
Term
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com