Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11010C Datasheet(PDF) 31 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 31 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 27Page - Microchip Technology PCI11010C Datasheet HTML 28Page - Microchip Technology PCI11010C Datasheet HTML 29Page - Microchip Technology PCI11010C Datasheet HTML 30Page - Microchip Technology PCI11010C Datasheet HTML 31Page - Microchip Technology PCI11010C Datasheet HTML 32Page - Microchip Technology PCI11010C Datasheet HTML 33Page - Microchip Technology PCI11010C Datasheet HTML 34Page - Microchip Technology PCI11010C Datasheet HTML 35Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 31
PCI11010C
UART1_WAKE_N
UART1 Wake
Out-of-band signaling used to wake up the platform. This signal is open drain, active low,
and enables a Debouncer (DB). A pull-up is required on the host side (100 kΩ recom-
mended).
UART2 Functions
UART2_TXD
UART2 Transmit Data
UART2_RXD
UART2 Receive Data
UART2_RTS_N
UART2 Ready To Send
UART2_CTS_N
UART2 Clear To Send
UART2_DTR_N
UART2 Data Terminal Ready
UART2_DSR_N
UART2 Data Set Ready
UART2_DCD_N
UART2 Data Carrier Detect
UART2_RI_N
UART2 Ring Indicator
UART2_WAKE_N
UART2 Wake
Out-of-band signaling used to wake up the platform. This signal is open drain, active low,
and enables a Debouncer (DB). A pull-up is required on the host side (100 kΩ recom-
mended).
UART3 Functions
UART3_TXD
UART3 Transmit Data
UART3_RXD
UART3 Receive Data
UART3_RTS_N
UART3 Ready To Send
UART3_CTS_N
UART3 Clear To Send
UART3_DTR_N
UART3 Data Terminal Ready
UART3_DSR_N
UART3 Data Set Ready
UART3_DCD_N
UART3 Data Carrier Detect
UART3_RI_N
UART3 Ring Indicator
UART3_WAKE_N
UART3 Wake
Out-of-band signaling used to wake up the platform. This signal is open drain, active low,
and enables a Debouncer (DB). A pull-up is required on the host side (100 kΩ recom-
mended).
EEPROM Interface Functions
EE_CTLR_SCL
1 MHz EEPROM SMBus Controller Clock
TABLE 3-4:
PROGRAMMABLE FUNCTIONS DESCRIPTIONS (CONTINUED)
Programmable
Function
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com