Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI11010C Datasheet(PDF) 7 Page - Microchip Technology

Part # PCI11010C
Description  PCIe Switch with Integrated Ethernet MAC and Programmable I/O
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PCI11010C Datasheet(HTML) 7 Page - Microchip Technology

Back Button PCI11010C Datasheet HTML 3Page - Microchip Technology PCI11010C Datasheet HTML 4Page - Microchip Technology PCI11010C Datasheet HTML 5Page - Microchip Technology PCI11010C Datasheet HTML 6Page - Microchip Technology PCI11010C Datasheet HTML 7Page - Microchip Technology PCI11010C Datasheet HTML 8Page - Microchip Technology PCI11010C Datasheet HTML 9Page - Microchip Technology PCI11010C Datasheet HTML 10Page - Microchip Technology PCI11010C Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
2025 Microchip Technology Inc. and its subsidiaries
DS00006232A-page 7
PCI11010C
1.3
Pin Reset States
The pin reset state definitions are detailed in Table 1-3. Refer to Table 3-1 for details on individual pin reset states.
VOD-R_V10
Variable voltage open drain output with programmable output buffer up to 10 mA
(2/4/8/10 mA) in the
VDDRGMII power domain.
VO-R_5
Variable voltage output with 5 mA sink and 5 mA source in the
VDDRGMII power
domain.
VO-R_8
Variable voltage output with 8 mA sink and 8 mA source in the
VDDRGMII power
domain.
VOD-R_8
Variable voltage open drain output with 8 mA sink in the
VDDRGMII power domain.
TABLE 1-3:
PIN RESET STATE LEGEND
Symbol
Description
AI
Analog input
AO
Analog output
IR
RBIAS
P
Power
PD
Hardware enables pull-down
Y
Hardware enables function
Z
Hardware disables output driver (high impedance)
TABLE 1-2:
BUFFER TYPE DESCRIPTIONS (CONTINUED)
Buffer
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com