Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCI12000C Datasheet (PDF) - Microchip Technology

PCI12000C Datasheet PDF - Microchip Technology
Part # PCI12000C
Download  PCI12000C Download
File Size   2304.54 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3-Port PCIe Switch with Integrated Programmable I/O

PCI12000C Datasheet (PDF)

Go To PDF Page Download Datasheet
PCI12000C Datasheet PDF - Microchip Technology

Part # PCI12000C
Download  PCI12000C Click to download

File Size   2304.54 Kbytes
Page   38 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 3-Port PCIe Switch with Integrated Programmable I/O

PCI12000C Datasheet (HTML) - Microchip Technology


PCI12000C Product details

Features
• Integrated PCI switching fabric
- 512 byte maximum payload size
• Integrated PCIe physical interfaces
- 2-lane (2x 8 GT/s) upstream port
- Two 1-lane (1x 8 GT/s) downstream ports
• Two external power supplies: +3.3V and +1.1V
• Comprehensive power management features
- PCIe 3.1 LPSS (Low Power Sub States):
L2 (with aux. power supply)
LPSS L1.1 (snooze), L1.2 (off)
• Power and I/O
- Integrated power-on reset circuit with configurable
under/over-voltage protection
- Latch-up performance exceeds 150 mA per
EIA/JESD78, Class II
- JEDEC Class 2 ESD performance
• UARTs
- RS232/RS422/RS485
- Auto-direction control
- Standard and advanced speed support
- Basic or comprehensive signal support
• Additional features
- Multifunction GPIOs
- Programmable pin multiplexer
- Ability to use low-cost 25 MHz crystal or clock
for reduced BOM
- PCIe Precision Time Measurement (PTM)
- Support for Common Reference Clock and
Separate Reference Clocks (SRNS and SRIS)
- SPI peripheral interface
- SMBus target interface
- SMBus controller interface
- JTAG TAP
- PVT sensor
• Packaging
- Pb-free RoHS compliant 72-pin VQFN package
• Environmental
- Available in industrial, AEC-Q100 Grade 3, and
AEC-Q100 Grade 2 temperature ranges




Similar Part No. - PCI12000C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PCI1210GGU TI1-PCI1210GGU Datasheet
2Mb / 128P
PCI1210 GGU/PGE PC CARD CONTROLLERS
PCI1211 TI-PCI1211 Datasheet
1Mb / 130P
PC CARD CONTROLLERS
PCI1211GGU TI-PCI1211GGU Datasheet
1Mb / 130P
PC CARD CONTROLLERS
PCI1211PGE TI-PCI1211PGE Datasheet
1Mb / 130P
PC CARD CONTROLLERS
PCI1221 TI-PCI1221 Datasheet
1Mb / 123P
PC CARD CONTROLLERS
More results


Similar Description - PCI12000C

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MSX532 FAIRCHILD-MSX532 Datasheet
677Kb / 36P
532 Port Digital Crosspoint Switch with LVTTL I/O?셲
logo
Pericom Semiconductor C...
PI4IOE5V9535 PERICOM-PI4IOE5V9535 Datasheet
572Kb / 16P
SMBus I/O port with interrupt
logo
PLX Technology
PEX8712 PLX-PEX8712 Datasheet
469Kb / 5P
12-lane, 3-port PCIe Gen 3 switch Integrated 8.0 GT/s SerDes
PEX8713 PLX-PEX8713 Datasheet
688Kb / 5P
12-lane, 10-port PCIe Gen 3 switch
PEX8716 PLX-PEX8716 Datasheet
436Kb / 5P
16-lane, 4-port PCIe Gen 3 switch
PEX8717 PLX-PEX8717 Datasheet
716Kb / 5P
16-lane, 10-port PCIe Gen 3 switch
PEX8724 PLX-PEX8724 Datasheet
337Kb / 5P
24-lane, 6-port PCIe Gen 3 switch
PEX8732 PLX-PEX8732 Datasheet
719Kb / 5P
32-lane, 8-port PCIe Gen 3 switch
logo
Moxa Inc.
E1200 MOXA-E1200 Datasheet
2Mb / 9P
Ethernet remote I/O with 2-port Ethernet switch
logo
Renesas Technology Corp
89HPES32T8G2 RENESAS-89HPES32T8G2 Datasheet
493Kb / 40P
32-Lane 8-Port PCIe® Gen2 I/O Expansion Switch
November 28, 2011
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com