Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT171P Datasheet (PDF) - Vishay Siliconix

VT171P Datasheet PDF - Vishay Siliconix
Part # VT171P
Download  VT171P Download
File Size   267.55 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Channel Transmissive Sensor

VT171P Datasheet (PDF)

Go To PDF Page Download Datasheet
VT171P Datasheet PDF - Vishay Siliconix

Part # VT171P
Download  VT171P Click to download

File Size   267.55 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Single Channel Transmissive Sensor

VT171P Datasheet (HTML) - Vishay Siliconix


VT171P Product details

FEATURES
• Package type: surface-mount
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 5.5 x 4 x 5.7
• Gap (in mm): 3
• Aperture (in mm): 0.3
• Typical output current under test: IC = 1.5 mA
• Emitter wavelength: 950 nm
• Moisture sensitivity level (MSL): 1
• Material categorization: for definitions of
compliance please see
www.vishay.com/doc?99912
APPLICATIONS
• Accurate position sensor for encoder
• Detection of motion speed
DESCRIPTION
The VT171P is a compact transmissive sensor that includes
an infrared emitter and a phototransistor detector, located
face-to-face in a surface mount package. VT171P is
especially designed to meet high operating temperature
requirements and is released for operating temperature
ranges from -25 °C to +85 °C.




Similar Part No. - VT171P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT1712 ETC2-VT1712 Datasheet
462Kb / 84P
PCI Multi-Channel Audio Controller
VT1712-128PQFP ETC2-VT1712-128PQFP Datasheet
462Kb / 84P
PCI Multi-Channel Audio Controller
More results


Similar Description - VT171P

ManufacturerPart #DatasheetDescription
logo
Honeywell Solid State E...
HOA1881 HONEYWELL-HOA1881 Datasheet
305Kb / 4P
Transmissive Sensor
HOA1883 HONEYWELL-HOA1883 Datasheet
284Kb / 4P
Transmissive Sensor
HOA1887 HONEYWELL-HOA1887 Datasheet
312Kb / 4P
Transmissive Sensor
HOA1889 HONEYWELL-HOA1889 Datasheet
149Kb / 4P
Dual Channel Transmissive Sensor
HOA1873 HONEYWELL-HOA1873 Datasheet
300Kb / 4P
Transmissive Sensor
HOA086X HONEYWELL-HOA086X Datasheet
491Kb / 4P
Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0882-T55 HONEYWELL-ACC-HOA0882-T55 Datasheet
326Kb / 4P
Transmissive Sensor
HOA2862-002 HONEYWELL-ACC-HOA2862-002 Datasheet
383Kb / 4P
Transmissive Sensor
logo
Vishay Siliconix
TCUT1630X01 VISHAY-TCUT1630X01 Datasheet
371Kb / 8P
Triple Channel Transmissive Optical Sensor With Phototransistor Outputs for “Turn and Push” Encoding
21-Feb-18
TCUT1800X01 VISHAY-TCUT1800X01 Datasheet
335Kb / 8P
Quad Channel Transmissive Optical Sensor With Phototransistor Outputs for Absolute and Incremental Encoding
16-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com