Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT171P Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VT171P
Description  Single Channel Transmissive Sensor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VT171P Datasheet(HTML) 4 Page - Vishay Siliconix

  VT171P Datasheet HTML 1Page - Vishay Siliconix VT171P Datasheet HTML 2Page - Vishay Siliconix VT171P Datasheet HTML 3Page - Vishay Siliconix VT171P Datasheet HTML 4Page - Vishay Siliconix VT171P Datasheet HTML 5Page - Vishay Siliconix VT171P Datasheet HTML 6Page - Vishay Siliconix VT171P Datasheet HTML 7Page - Vishay Siliconix VT171P Datasheet HTML 8Page - Vishay Siliconix VT171P Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
VT171P
www.vishay.com
Vishay Semiconductors
Rev. 1.2, 09-Dec-2025
4
Document Number: 80507
For technical questions, contact: sensorstechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 7 - Collector Current vs. Forward Current
Fig. 8 - Collector Current vs. Collector Emitter Voltage
Fig. 9 - Collector Emitter Saturation Voltage vs.
Ambient Temperature
Fig. 10 - Collector Current vs. Ambient Temperature
Fig. 11 - Collector Dark Current vs. Ambient Temperature
Fig. 12 - Relative Collector Current vs. Horizontal Displacement
0.01
0.10
1.00
10.00
110
100
I
F - Forward Current (mA)
V
CE = 5 V
0.01
0.10
1.00
10.00
0.1
1
10
100
V
CE - Collector Emitter Voltage (V)
I
F = 3 mA
I
3mA
I
F = 5 mA
I
F = 15 mA
I
F = 25 mA
0
0.05
0.10
0.15
0.20
0.25
0.30
I
C = 200 μA
I
F = 15 mA
I
F = 5 mA
-25 -15 -5
5
15 25 35
75 85
T
amb - Ambient Temperature (°C)
65
55
45
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
CE = 5 V
I
F = 5 mA
-25 -15 -5
5
152535
7585
T
amb - Ambient Temperature (°C)
65
55
45
I
F = 15 mA
1
10
100
1000
10 000
V
CE = 5 V
I
F = 0 A
V
CE = 25 V
V
CE = 70 V
-25 -15 -5
5
15 25 35
75 85
T
amb - Ambient Temperature (°C)
65
55
45
0.0
0.2
0.4
0.6
0.8
1.0
-1.5
-1
-0.5
0
0.5
1
1.5
S - Horizontal Displacement (mm)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com