Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT172U Datasheet (PDF) - Vishay Siliconix

VT172U Datasheet PDF - Vishay Siliconix
Part # VT172U
Download  VT172U Download
File Size   228.05 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Channel Transmissive Sensor

VT172U Datasheet (PDF)

Go To PDF Page Download Datasheet
VT172U Datasheet PDF - Vishay Siliconix

Part # VT172U
Download  VT172U Click to download

File Size   228.05 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Dual Channel Transmissive Sensor

VT172U Datasheet (HTML) - Vishay Siliconix


VT172U Product details

FEATURES
• Package type: surface-mount
• Detector type: phototransistor
• Dimensions (L x W x H in mm): 5.5 x 4 x 5.7
• Gap (in mm): 3
• Aperture (in mm): 0.3
• Channel distance (center to center): 0.8 mm
• Typical output current under test: IC = 1.5 mA
• Emitter wavelength: 950 nm
• Lead (Pb)-free soldering released
• Moisture sensitivity level (MSL): 1
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
APPLICATIONS
• Accurate position sensor for encoder
• Sensor for motion, speed and direction
DESCRIPTION
The VT172U is a compact transmissive sensor that includes
an infrared emitter and two phototransistor detectors,
located face-to-face in a surface-mount package. VT172U
is released for operating temperature ranges from -25 °C
to +85 °C.




Similar Part No. - VT172U

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
VT1705 ETC-VT1705 Datasheet
896Kb / 99P
High Definition Audio Codec
June 11, 2009
logo
VIA Technologies, Inc.
VT1708B VIA-VT1708B Datasheet
1Mb / 92P
High Definition Audio Codec
VT1708S VIA-VT1708S Datasheet
717Kb / 87P
High Definition Audio Codec
logo
List of Unclassifed Man...
VT1712 ETC2-VT1712 Datasheet
462Kb / 84P
PCI Multi-Channel Audio Controller
VT1712-128PQFP ETC2-VT1712-128PQFP Datasheet
462Kb / 84P
PCI Multi-Channel Audio Controller
More results


Similar Description - VT172U

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TCVT1300 VISHAY-TCVT1300 Datasheet
55Kb / 7P
Dual Channel Transmissive Optical Sensor with Phototransistor Output
08-Jun-99
logo
Honeywell Solid State E...
HOA1889 HONEYWELL-HOA1889 Datasheet
149Kb / 4P
Dual Channel Transmissive Sensor
HOA1873 HONEYWELL-HOA1873 Datasheet
300Kb / 4P
Transmissive Sensor
logo
Vishay Siliconix
TCUT1300X01 VISHAY-TCUT1300X01 Datasheet
190Kb / 8P
Subminiature Dual Channel Transmissive Optical Sensor with
10-May-07
TCUT1300X01 VISHAY-TCUT1300X01_07 Datasheet
192Kb / 9P
Subminiature Dual Channel Transmissive Optical Sensor with
20-Jul-07
logo
Honeywell Solid State E...
HOA086X HONEYWELL-HOA086X Datasheet
491Kb / 4P
Transmissive Sensor
logo
Honeywell Accelerometer...
HOA0882-T55 HONEYWELL-ACC-HOA0882-T55 Datasheet
326Kb / 4P
Transmissive Sensor
HOA2862-002 HONEYWELL-ACC-HOA2862-002 Datasheet
383Kb / 4P
Transmissive Sensor
logo
Vishay Siliconix
TCUT1630X01 VISHAY-TCUT1630X01 Datasheet
371Kb / 8P
Triple Channel Transmissive Optical Sensor With Phototransistor Outputs for “Turn and Push” Encoding
21-Feb-18
TCUT1800X01 VISHAY-TCUT1800X01 Datasheet
335Kb / 8P
Quad Channel Transmissive Optical Sensor With Phototransistor Outputs for Absolute and Incremental Encoding
16-Feb-18
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com