Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6560 Datasheet (PDF) - STMicroelectronics

L6560 Datasheet PDF - STMicroelectronics
Part # L6560
Download  L6560 Download
File Size   123.62 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POWER FACTOR CORRECTOR

L6560 Datasheet (PDF)

Go To PDF Page Download Datasheet
L6560 Datasheet PDF - STMicroelectronics

Part # L6560
Download  L6560 Click to download

File Size   123.62 Kbytes
Page   11 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description POWER FACTOR CORRECTOR

L6560 Datasheet (HTML) - STMicroelectronics


L6560 Product details

DESCRIPTION

The L6560/A is a monolithic integrated circuit in Minidip and SO8 packages, designed as a controller and driver of a discrete power MOS transistor for the implementation of active power factor correction, for sinusoidal line current consumption. Realized in mixed BCD technology, the chip integrates:

- An undervoltage lockout with micropower start up and hysteresis.

- An internal temperature compensated precise band gap reference.

- A stable error amplifier.

- One quadrant multiplier.

- Current sense comparator.

- An output overvoltage protection circuit.

- A totem-pole output stage able to drive a POWER MOS or IGBT devices with source and sink current of 400mA. The chip works in transition mode and is particularly intended for lamp ballast applications and for low power SMPS.



VERY PRECISE ADJUSTABLE INTERNAL OUTPUT OVERVOLTAGE PROTECTION

HYSTERETIC START-UP (ISTART-UP < 0.5mA)

VERY LOW QUIESCENT CURRENT (< 3.5mA)

INTERNAL START-UP TIMER

TRANSITION MODE OPERATING

TOTEM POLE OUTPUT CURRENT: ±400mA

DIP8/SO8 PACKAGES




Similar Part No. - L6560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
L6561D STMICROELECTRONICS-L6561D Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
L6561D013TR STMICROELECTRONICS-L6561D013TR Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
logo
Intersil Corporation
L6562 INTERSIL-L6562 Datasheet
45Kb / 5P
Microprocessor CORE Voltage Regulator Two-Phase Buck PWM Controller
March 2001
More results


Similar Description - L6560

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A Datasheet
228Kb / 17P
POWER FACTOR CORRECTOR
Sep-1998
logo
AUK corp
S6500 AUK-S6500 Datasheet
492Kb / 7P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
L4981A STMICROELECTRONICS-L4981A_01 Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
logo
Unisonic Technologies
L8561 UTC-L8561 Datasheet
224Kb / 5P
POWER FACTOR CORRECTOR
L8562 UTC-L8562 Datasheet
266Kb / 6P
POWER FACTOR CORRECTOR
logo
STMicroelectronics
EVAL6561-80 STMICROELECTRONICS-EVAL6561-80 Datasheet
180Kb / 13P
POWER FACTOR CORRECTOR
Jun-2004
L4981AD013TR STMICROELECTRONICS-L4981AD013TR Datasheet
2Mb / 16P
POWER FACTOR CORRECTOR
Nov-2001
L6561 STMICROELECTRONICS-L6561 Datasheet
180Kb / 11P
POWER FACTOR CORRECTOR
Apr-1999
logo
Unisonic Technologies
L8562 UTC-L8562_15 Datasheet
266Kb / 6P
POWER FACTOR CORRECTOR
UA7524 UTC-UA7524_15 Datasheet
204Kb / 5P
POWER FACTOR CORRECTOR
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com