Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6560 Datasheet(PDF) 4 Page - STMicroelectronics

Part # L6560
Description  POWER FACTOR CORRECTOR
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6560 Datasheet(HTML) 4 Page - STMicroelectronics

  L6560 Datasheet HTML 1Page - STMicroelectronics L6560 Datasheet HTML 2Page - STMicroelectronics L6560 Datasheet HTML 3Page - STMicroelectronics L6560 Datasheet HTML 4Page - STMicroelectronics L6560 Datasheet HTML 5Page - STMicroelectronics L6560 Datasheet HTML 6Page - STMicroelectronics L6560 Datasheet HTML 7Page - STMicroelectronics L6560 Datasheet HTML 8Page - STMicroelectronics L6560 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
OVER VOLTAGE PROTECTION OVP
The output voltage is expected to be kept by the
operation of the PFC circuits close to its reference
value that is set by the ratio of the two external re-
sistors R1 and R2 (see fig. 2), taking into consid-
eration that the non inverting input of the error
amplifier is biased inside the L6560 at 2.5V.
In steady state conditions, the current through R1
and R2 is:
ISC
=
∆Voutsc − 2.5
R1
or ISC =
2.5
R2
and, if the external compensation network is
made only with a capacitor C, the current through
C is equal zero.
When the output voltage increases abruptly the
current through R1 becomes:
IR1
=
Vout
− 2.5
R1
IR1 =
Voutsc
+∆VOUT − 2.5
R1
= Isc +∆I.
Since the current through R2 doesn’t change, the
∆I current must flow through the capacitor C and
enter in the error amplifier.
This current is mirrored inside the L6560, and
compared with a precise internal reference of
40
µA. Whenever such 40µA limit is exceed, the
OVP protection is triggered (Dynamic OVP), and
the external power transistor is switched off, until
the overvoltage situation disappears. However if
the overvoltage persists, before that the transient
condition of dynamic circuit exhausts, an internal
comparator (Static OVP) latches the OVP condi-
tion keeping the external power switch turned off
(see fig. 1).
The OVP value is threfore set by the equation
OVP =
∆Vout = R1 ⋅ 40µA.
Typical values for R1,R2 and C are reported in
the application circuit. The overvoltage can be set
independently from the average output voltage.
The precision in setting the overvoltage threshold
is 7% of the overvoltage value (for instance
∆V=
60V
± 4.2V).
ELECTRICAL CHARACTERISTICS (continued)
ZERO CURRENT DETECTOR
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VZCD
5
Input Threshold Voltage Rising
Edge
1.8
2.3
V
Hysteresis
0.3
0.5
0.7
V
VZCD
5
Clamp Voltage
IZCD = 3mA
5
5.7
6.4
V
VZCD
5
Clamp Voltage
IZCD = –3mA
0.4
0.7
1
V
OUTPUT SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
VGD
7
Dropout Voltage
IGDsource = 200mA
1.2
2
V
IGDsource = 20mA
0.7
1
V
IGDsink = 200mA
1.5
V
IGDsink = 20mA
0.3
V
tr
7
Output Voltage Rise Time
CL = 1nF
50
120
ns
tf
7
Output Voltage Fall Time
CL = 1nF
40
100
ns
OUTPUT OVERVOLTAGE SECTION
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
IOVP
2
OVP Triggering Current
36
40
44
µA
RESTART TIMER
Symbol
Pin
Parameter
Test Condition
Min.
Typ.
Max.
Unit
tSTART
Start Timer
45
60
µs
L6560 - L6560A
4/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com