Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6603 Datasheet (PDF) - Analog Devices

LTC6603 Datasheet PDF - Analog Devices
Part # LTC6603
Download  LTC6603 Download
File Size   274.74 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Adjustable Lowpass Filter

LTC6603 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6603 Datasheet PDF - Analog Devices

Part # LTC6603
Download  LTC6603 Click to download

File Size   274.74 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual Adjustable Lowpass Filter

LTC6603 Datasheet (HTML) - Analog Devices


LTC6603 Product details

FEATURES
n Guaranteed Phase and Gain Matching Specs
n Programmable BW Up to 2.5MHz
n Programmable Gain (0dB/6dB/12dB/24dB)
n 9th Order Linear Phase Response
n Differential, Rail-to-Rail Inputs and Outputs
n Low Noise: –145dBm/Hz (Input Referred)
n Low Distortion: –75dBc at 200kHz
n Simple Pin Programming or SPI Interface
n Set the Max Speed/Power with an External R
n Operates from 2.7V to 3.6V
n Input Range from 0V to 5.5V
n 4mm × 4mm QFN Package




Similar Part No. - LTC6603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603 Datasheet
262Kb / 24P
Dual Adjustable Lowpass Filter
logo
Analog Devices
LTC6603 AD-LTC6603 Datasheet
490Kb / 40P
Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
LTC6603 AD-LTC6603 Datasheet
480Kb / 40P
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
logo
Linear Technology
LTC6603CUF-PBF LINER-LTC6603CUF-PBF Datasheet
262Kb / 24P
Dual Adjustable Lowpass Filter
LTC6603CUF-TRPBF LINER-LTC6603CUF-TRPBF Datasheet
262Kb / 24P
Dual Adjustable Lowpass Filter
More results


Similar Description - LTC6603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603 Datasheet
262Kb / 24P
Dual Adjustable Lowpass Filter
logo
KR Electronics, Inc.
2217 KR-2217 Datasheet
14Kb / 1P
Lowpass Filter
2223 KR-2223 Datasheet
14Kb / 1P
Lowpass Filter
2257 KR-2257 Datasheet
21Kb / 1P
Lowpass Filter
2267 KR-2267 Datasheet
15Kb / 1P
Lowpass Filter
2275-2 KR-2275-2 Datasheet
21Kb / 1P
Lowpass Filter
2275-5 KR-2275-5 Datasheet
20Kb / 1P
Lowpass Filter
2297-2 KR-2297-2 Datasheet
16Kb / 1P
Lowpass Filter
2297-4 KR-2297-4 Datasheet
16Kb / 1P
Lowpass Filter
logo
Linear Technology
LTC6603 LINER-LTC6603_15 Datasheet
275Kb / 24P
Dual Adjustable Lowpass Filter
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com