Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6603 Datasheet (PDF) - Analog Devices

LTC6603 Datasheet PDF - Analog Devices
Part # LTC6603
Download  LTC6603 Download
File Size   480.38 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver

LTC6603 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTC6603 Datasheet PDF - Analog Devices

Part # LTC6603
Download  LTC6603 Click to download

File Size   480.38 Kbytes
Page   40 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver

LTC6603 Datasheet (HTML) - Analog Devices


LTC6603 Product details

FEATURES
n Pin Confi gurable Gain and Filter Response
Up to 27MHz
n Low Power: 16mA at 3V
n Low Distortion (2VP-P)
1MHz: –96dBc 2nd, –112dBc 3rd
10MHz: –65dBc 2nd, –78dBc 3rd
n Few External Components Required
n Resistors Trimmed to 0.5% Accuracy Typical
n Capacitors Trimmed to 0.5% Accuracy Typical
n Adjustable Output Common Mode Voltage
n Rail-to-Rail Output Swing
n Power Confi gurability and Low Power Shutdown
n Tiny 0.75mm 20-Lead (4mm × 4mm) QFN Package




Similar Part No. - LTC6603

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6603 LINER-LTC6603 Datasheet
262Kb / 24P
Dual Adjustable Lowpass Filter
logo
Analog Devices
LTC6603 AD-LTC6603 Datasheet
274Kb / 24P
Dual Adjustable Lowpass Filter
REV A
LTC6603 AD-LTC6603 Datasheet
490Kb / 40P
Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
logo
Linear Technology
LTC6603CUF-PBF LINER-LTC6603CUF-PBF Datasheet
262Kb / 24P
Dual Adjustable Lowpass Filter
LTC6603CUF-TRPBF LINER-LTC6603CUF-TRPBF Datasheet
262Kb / 24P
Dual Adjustable Lowpass Filter
More results


Similar Description - LTC6603

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8138 AD-AD8138 Datasheet
534Kb / 16P
Low Distortion Differential ADC Driver
3/03-Data Sheet changed from REV. D to REV. E.
AD8138 AD-AD8138_06 Datasheet
496Kb / 24P
Low Distortion Differential ADC Driver
Rev. F
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6 Datasheet
345Kb / 16P
Low Distortion, Low Noise Differential IF Amplifi er with Confi gurable Input Impedance
LTC6601-1 LINER-LTC6601-1 Datasheet
483Kb / 40P
Low Noise, 0.5% Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
LTC6601-2 LINER-LTC6601-2 Datasheet
493Kb / 40P
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
logo
Analog Devices
AD8138 AD-AD8138_15 Datasheet
583Kb / 25P
Low Distortion Differential ADC Driver
Rev. F
logo
Linear Technology
LTC6410-6 LINER-LTC6410-6_15 Datasheet
356Kb / 16P
Low Distortion, Low Noise Differential IF Amplifier with Confi gurable Input Impedance
LTC6601-1 LINER-LTC6601-1_15 Datasheet
495Kb / 40P
Low Noise, 0.5 Tolerance, 5MHz to 28MHz, Pin Confi gurable Filter/ADC Driver
LTC6601-2 LINER-LTC6601-2_15 Datasheet
480Kb / 40P
Low Power, Low Distortion, 5MHz to 27MHz, Pin Confi gurable Filter/ADC Driver
logo
Analog Devices
AD8138 AD-AD8138_16 Datasheet
524Kb / 25P
Low Distortion, Differential ADC Driver
Rev. G
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com