Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VT1616 Datasheet (PDF) - List of Unclassifed Manufacturers

VT1616 Datasheet PDF - List of Unclassifed Manufacturers
Part # VT1616
Download  VT1616 Download
File Size   497.68 Kbytes
Page   40 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 6-Channel AC97 Codec with S/PDIF

VT1616 Datasheet (PDF)

Go To PDF Page Download Datasheet
VT1616 Datasheet PDF - List of Unclassifed Manufacturers

Part # VT1616
Download  VT1616 Click to download

File Size   497.68 Kbytes
Page   40 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 6-Channel AC97 Codec with S/PDIF

VT1616 Datasheet (HTML) - List of Unclassifed Manufacturers


VT1616 Product details

[VIA Technologies Incorporated]

Description
VIA Technologies’ VT1616TM 20-bit ∑∆ audio codec conforms to the AC’97 2.2 and S/PDIF Output specifications. The VT1616 integrates Sample Rate Converters on all channels andcan be adjusted in 1Hz increments. There is a provision in hardware for down-mixing the 6 channels into stereo when only two endpoints are available. The analog mixer circuitry integrates a stereo enhancement to provide a pleasing 3D surround sound effect for stereo media. This codec is designed with aggressive power management to achieve low power consumption. When usedwith a 3.3V analog supply, power consumption is further reduced. The primary applications for this part are desktop and portable personal computers multimedia subsystems. However, it is suitable for any system requiring 6-channel audio output for home theater systems at competitive prices.

Features
• AC’97 2.2 compliant codec
• 20-bit, stereo ADC and6-channel stereo DACs
• 1 Hz resolution VSR on all channels
• IntegratedIEC958 line driver for S/PDIF output
• S/PDIF compressed digital or LPCM audio out
• Hardware downmix option to 2 channels
• ADC DC removal for removing recording white noise
• 4-bit 3D stereo expansion for simulatedsurround
• 4 stereo, 2 mono analog line-level inputs
• Secondline-level output with volume control
• External Audio Amplifier Control
• Low Power consumption mode
• Exceeds Microsoft® WHQL logo requirements
• 3.3V digital, 3.3 or 5V analog power supply
• 48-pin LQFP small footprint package




Similar Part No. - VT1616

ManufacturerPart #DatasheetDescription
logo
Highly Electric Co., Lt...
VT16 HIGHLY-VT16 Datasheet
1Mb / 3P
SNAP ACTION SWITCH
logo
VIA Technologies, Inc.
VT1620A VIA-VT1620A Datasheet
479Kb / 27P
VinylUSB USB2.0 FS Audio Codec
logo
NXP Semiconductors
VT162240ADGG PHILIPS-VT162240ADGG Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
VT162240ADL PHILIPS-VT162240ADL Datasheet
70Kb / 10P
3.3V LVT 16-bit inverting buffer/driver with 30ohm termination resistors 3-State
1998 Feb 19
VT162244BDGG PHILIPS-VT162244BDGG Datasheet
77Kb / 10P
3.3V 16-bit buffer/driver with 30ohm termination resistors
1998 Oct 07
More results


Similar Description - VT1616

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
STAC9708 ETC-STAC9708 Datasheet
247Kb / 56P
Multi-Channel AC97 Codec With Multi-Codec Option
logo
Cirrus Logic
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
logo
Wolfson Microelectronic...
WM8580 WOLFSON-WM8580 Datasheet
968Kb / 92P
Multichannel CODEC with S/PDIF Transceiver
WM8581 WOLFSON-WM8581 Datasheet
1Mb / 94P
Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580_07 Datasheet
989Kb / 92P
Multichannel CODEC with S/PDIF Transceiver
WM8581 WOLFSON-WM8581_07 Datasheet
1Mb / 100P
Multichannel CODEC with S/PDIF Transceiver
logo
Cirrus Logic
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
logo
Wolfson Microelectronic...
WM8580_07 WOLFSON-WM8580_07_12 Datasheet
1Mb / 97P
Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580_08 Datasheet
1Mb / 103P
Multichannel CODEC with S/PDIF Transceiver
WM8580A WOLFSON-WM8580A Datasheet
1Mb / 106P
Multichannel CODEC with S/PDIF Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com