Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet (PDF) - Wolfson Microelectronics plc

WM8580 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8580
Download  WM8580 Download
File Size   968.73 Kbytes
Page   92 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Multichannel CODEC with S/PDIF Transceiver

WM8580 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8580 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8580
Download  WM8580 Click to download

File Size   968.73 Kbytes
Page   92 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Multichannel CODEC with S/PDIF Transceiver

WM8580 Datasheet (HTML) - Wolfson Microelectronics plc


WM8580 Product details

DESCRIPTION

The WM8580 is a multi-channel audio CODEC with S/PDIF transceiver. The WM8580 is ideal for DVD and surround sound processing applications for home hi-fi, automotive and other audiovisual equipment. Integrated into the device is a stereo 24-bit multi-bit sigma delta ADC with support for digital audio output word lengths from 16-bit to 32-bit, and sampling rates from 8kHz to 192kHz.



FEATURES

• Multi-channel CODEC with 3 Stereo DACs and 1 Stereo ADC

• Integrated S/PDIF / IEC-60958-3 transceiver

• Audio Performance

− 103dB SNR (‘A’ weighted @ 48kHz) DAC

− -90dB THD (48kHz) DAC

− 100dB SNR (‘A’ weighted @ 48kHz) ADC

− -87dB THD (48kHz) ADC

• DAC Sampling Frequency: 8kHz – 192kHz

• ADC Sampling Frequency: 8kHz – 192kHz

• Independent ADC and DAC Sample Rates

• 2 and 3-Wire Serial Control Interface with readback, or Hardware Control Interface

• GPO pins allow visibility of user selected status flags

• Programmable Audio Data Interface Modes

− I2S, Left, Right Justified or DSP

− 16/20/24/32 bit Word Lengths

• Three Independent Stereo DAC Outputs with Digital Volume Controls

• Two Independent Master or Slave Audio Data Interfaces

• Flexible Digital Interface Routing with Clock Selection Control

• 2.7V to 5.5V Analogue, 2.7V to 3.6V Digital Supply Operation

• 48-lead TQFP Package



APPLICATIONS

• Digital TV

• DVD Players and Receivers

• Surround Sound AV Processors and Hi-Fi systems

• Automotive Audio




Similar Part No. - WM8580

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8580 WOLFSON-WM8580 Datasheet
989Kb / 92P
Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580 Datasheet
1Mb / 97P
Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580 Datasheet
1Mb / 103P
Multichannel CODEC with S/PDIF Transceiver
WM8580A WOLFSON-WM8580A Datasheet
1Mb / 106P
Multichannel CODEC with S/PDIF Transceiver
WM8580AGEFT WOLFSON-WM8580AGEFT Datasheet
1Mb / 97P
Multichannel CODEC with S/PDIF Transceiver
More results


Similar Description - WM8580

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS42516 CIRRUS-CS42516 Datasheet
1Mb / 90P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
logo
Wolfson Microelectronic...
WM8581 WOLFSON-WM8581 Datasheet
1Mb / 94P
Multichannel CODEC with S/PDIF Transceiver
WM8580 WOLFSON-WM8580_07 Datasheet
989Kb / 92P
Multichannel CODEC with S/PDIF Transceiver
WM8581 WOLFSON-WM8581_07 Datasheet
1Mb / 100P
Multichannel CODEC with S/PDIF Transceiver
logo
Cirrus Logic
CS42516 CIRRUS-CS42516_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 6-Ch Codec with S/PDIF Receiver
CS42518 CIRRUS-CS42518_05 Datasheet
1Mb / 91P
110 dB, 192 kHz 8-Ch Codec with S/PDIF Receiver
logo
Wolfson Microelectronic...
WM8580_07 WOLFSON-WM8580_07_12 Datasheet
1Mb / 97P
Multichannel CODEC with S/PDIF Transceiver
logo
List of Unclassifed Man...
VT1616 ETC2-VT1616 Datasheet
497Kb / 40P
6-Channel AC97 Codec with S/PDIF
logo
Wolfson Microelectronic...
WM8580 WOLFSON-WM8580_08 Datasheet
1Mb / 103P
Multichannel CODEC with S/PDIF Transceiver
WM8580A WOLFSON-WM8580A Datasheet
1Mb / 106P
Multichannel CODEC with S/PDIF Transceiver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com