Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 7 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 7 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 11Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
7
PIN FUNCTION
TYPE
DESCRIPTION
PAIFTX_BCLK
Digital Input/Output
Primary Audio Interface Transmitter (PAIFTX) Bit Clock
ADCMCLK
Digital Input
Master ADC clock; 256fs, 384fs, 512fs ,786fs, 1024fs or 1152fs
SAIF_DIN
Digital Input
Secondary Audio Interface (SAIF) Receiver data input
SAIF_DOUT
Digital Output
Secondary Audio Interface (SAIF) Transmitter data output
SAIF_BCLK
Digital Input/Output
Secondary Audio Interface (SAIF) Bit Clock
SAIF_LRCLK
Digital Input/Output
Secondary Audio Interface (SAIF) Left/Right Word Clock
SPDIFIN2/3/4
Digital Input
S/PDIF Receiver Input
GPO1 – GPO10
Digital Output
General Purpose Output
DR1/2/3/4
Digital Input
Internal Digital Routing Configuration in Hardware Mode
ALLPD
Digital Input
Chip Powerdown in Hardware Mode
C
Digital Output
Recovered channel-bit for current S/PDIF sub-frame
SFRM_CLK
Digital Output
Indicates current S/PDIF sub-frame:
1 = Sub-frame A
0 = Sub-frame B
192BCLK
Digital Output
Indicates start of S/PDIF 192-frame block. High for duration of frame 0.
Table 2 Multi-Function Pin Description
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings are stress ratings only. Permanent damage to the device may be caused by continuously operating at
or beyond these limits. Device functional operating limits and guaranteed performance specifications are given under Electrical
Characteristics at the test conditions specified.
ESD Sensitive Device. This device is manufactured on a CMOS process. It is therefore generically susceptible
to damage from excessive static voltages. Proper ESD precautions must be taken during handling and storage
of this device.
The WM8580 has been classified as MSL1, which has an unlimited floor life at <30
oC / 85% Relative Humidity and therefore will
not be supplied in moisture barrier bags.
CONDITION
MIN
MAX
Digital supply voltage
-0.3V
+3.63V
Analogue supply voltage
-0.3V
+7V
PLL supply voltage
-0.3V
+5V
Voltage range digital inputs (SCLK, CSB & SDIN only)
DGND -0.3V
+7V
Voltage range digital inputs
DGND -0.3V
DVDD + 0.3V
Voltage range analogue inputs
1
AGND -0.3V
PGND -0.3V
AVDD +0.3V
PVDD +0.3V
Master Clock Frequency
37MHz
Operating temperature range, TA
-25
°C
+85
°C
Storage temperature prior to soldering
30
°C max / 85% RH max
Storage temperature after soldering
-65
°C
+150
°C
Pb Free Package body temperature (soldering 10 seconds)
+260
°C
Package body temperature (soldering 2 minutes)
+183
°C
Notes: 1. Analogue and digital grounds must always be within 0.3V of each other.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com