Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 55 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 55 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 51Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 52Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 53Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 54Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 55Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 56Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 59Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
55
Channel Status
The Channel Status bits form a 192-frame block - transmitted at 1 bit per sub-frame. Each sub-frame
forms its own 192-frame block. The WM8580 is a consumer mode device and only the first 40 bits of
the block are used. All data transmitted from the WM8580 is stereo, so the channel status data is
duplicated for both channels. The only exception to this is the channel number bits (23:20) which can
be changed to indicate whether the channel is left or right in the stereo image. Bits within this block
can be configured by setting the Channel Status Bit Control registers (see Table 49 to Table 53). If
TXSRC=00 (S/PDIF receiver), the Channel Status bits are transmitted with the same values
recovered by the receiver – unless OVWCHAN is set, in which case they are set by the S/PDIF
transmitter channel status registers.
Parity Bit
This bit maintains even parity for data as a means of basic error detection. It is generated by the
transmitter.
For further details of all channel status bits, refer to IEC-60958-3.
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
0
CON/PRO
0
0
0 = Consumer Mode
1 = Professional Mode (not supported by
WM8580)
1
AUDIO_N
1
0
0 = S/PDIF transmitted data is audio PCM.
1 = S/PDIF transmitted data is not audio
PCM.
2
CPY_N
2
0
0 = Transmitted data has copyright asserted.
1 = Transmitted data has no copyright
assertion.
5:3
DEEMPH[2:0]
5:3
000
000 = Data from Audio interface has no pre-
emphasis.
001 = Data from Audio interface has pre-
emphasis.
010 = Reserved (Audio interface has pre-
emphasis).
011 = Reserved (Audio interface has pre-
emphasis).
All other modes are reserved and should not
be used.
R31
SPDTXCHAN 1
1Fh
7:6
CHSTMODE
[1:0]
7:6
00
00 = Only valid mode for consumer
applications.
Table 49 S/PDIF Transmitter Channel Bit Control 1
REGISTER
ADDRESS
BIT
LABEL
CHANNEL
STATUS
BIT
DEFAULT
DESCRIPTION
R32
SPDTXCHAN 2
20h
7:0
CATCODE
[7:0]
15:8
00000000
Category Code. Refer to S/PDIF
specification IEC60958-3 for details.
00h indicates “general” mode.
Table 50 S/PDIF Transmitter Channel Bit Control 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com