Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 80 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 80 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 76Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 77Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 84Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
80
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
ADCOSR
0
ADC oversample rate select
0 = 128/64 x oversampling
1 = 64/32 x oversampling
4
ADCHPD
0
ADC high-pass filter disable:
0 = high-pass filter enabled
1 = high-pass filter disabled
7:5
ADCRATE[2:0]
010
ADC Rate Control (only used when the S/PDIF Transmitter is the
only interface sourcing the ADC)
000 = 128fs
001 = 192fs
010 = 256fs
011 = 384fs
100 = 512fs
101 = 768fs
110 = 1152fs
8
VMIDSEL
1
VMID Impedance Selection
0 = High impedance, power saving
1 = Low impedance, fast power-on
1:0
TXSRC[1:0]
10
S/PDIF Transmitter Data Source
00 = S/PDIF received data (see REAL_THROUGH)
01 = ADC digital output data.
10 = Secondary Audio Interface
11 = Audio Interface received data
2
OVWCHAN
0
Only used if TXSRC==00. Overwrites the ‘through-path’ Channel
Bit with values determined by the channel-bit control registers.
0 = Channel data equal to recovered channel data.
1 = Channel data taken from channel status registers.
R30
SPDTXCHAN 0
1Eh
3
REAL_
THROUGH
0
S/PDIF Through Mode Control
0 = SPDIFOP pin sources output of S/PDIF Transmitter
1 = SPDIFOP pins sources output of S/PDIF IN Mux
0
CON/PRO
0
0 = Consumer Mode
1 = Professional Mode (not supported by WM8580)
1
AUDIO_N
0
0 = S/PDIF transmitted data is audio PCM.
1 = S/PDIF transmitted data is not audio PCM.
2
CPY_N
0
0 = Transmitted data has copyright asserted.
1 = Transmitted data has no copyright assertion.
5:3
DEEMPH[2:0]
000
000 = Data from Audio interface has no pre-emphasis.
001 = Data from Audio interface has pre-emphasis.
010 = Reserved (Audio interface has pre-emphasis).
011 = Reserved (Audio interface has pre-emphasis).
All other modes are reserved and should not be used.
R31
SPDTXCHAN 1
1Fh
7:6
CHSTMODE
[1:0]
00
00 = Only valid mode for consumer applications.
R32
SPDTXCHAN 2
20h
7:0
CATCODE
[7:0]
00000000
Category Code. Refer to S/PDIF specification for details.
00h indicates “general” mode
3:0
SRCNUM
[3:0]
0000
Source Number. No definitions are attached to data.
Channel Number for Subframe 1
CHNUM1
Channel Status Bits[23:20]
00
0000 = Do not use channel number
01
0001 = Send to Left Channel
R33
SPDTXCHAN 3
21h
5:4
CHNUM1[1:0]
00
10
0010 = Send to Right Channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com