Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 5 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 5 Page - Wolfson Microelectronics plc

  WM8580 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
5
PIN DESCRIPTION
PIN
NAME
TYPE
DESCRIPTION
1
PGND
Supply
PLL ground
2
PVDD
Supply
PLL positive supply
3
XTI
Digital Input
Crystal or CMOS clock input
4
XTO
Digital Output
Crystal output
5
MFP10
Digital Output
Multi-Function Pin (MFP) 10. See Table 1 for details of all MFP pins.
6
MFP9
Digital Output
Multi-Function Pin (MFP) 9. See Table 1 for details of all MFP pins.
7
MFP8
Digital Input/Output
Multi-Function Pin (MFP) 8. See Table 1 for details of all MFP pins.
8
MFP7
Digital Input/Output
Multi-Function Pin (MFP) 7. See Table 1 for details of all MFP pins.
9
MFP6
Digital Input/Output
Multi-Function Pin (MFP) 6. See Table 1 for details of all MFP pins.
10
SPDIFOP
Digital Output
S/PDIF transmitter output.
11
MFP5
Digital Input/Output
Multi-Function Pin (MFP) 5. See Table 1 for details of all MFP pins.
12
MFP4
Digital Input/Output
Multi-Function Pin (MFP) 4. See Table 1 for details of all MFP pins.
13
MFP3
Digital Input/Output
Multi-Function Pin (MFP) 3. See Table 1 for details of all MFP pins.
14
SPDIFIN1
Digital Input
S/PDIF receiver input 1
15
CLKOUT
Digital Output
PLL or crystal oscillator clock output
16
DVDD
Supply
Digital positive supply
17
DGND
Supply
Digital ground
18
MUTE
Digital Input/Output
DAC mute-all Input / All-DAC Infinite Zero Detect (IZD) flag output
19
DIN1
Digital Input
Primary Audio Interface (PAIF) receiver data input 1
20
DIN2
Digital Input
Primary Audio Interface (PAIF) receiver data input 2
21
DIN3
Digital Input
Primary Audio Interface (PAIF) receiver data input 3
22
PAIFRX_LRCLK
Digital Input/Output
Primary Audio Interface (PAIF) receiver left/right word clock
23
PAIFRX_BCLK
Digital Input/Output
Primary Audio Interface (PAIF) receiver bit clock
24
MCLK
Digital Input/Output
System Master clock; 256, 384, 512, 768, 1024 or 1152 fs
25
DOUT
Digital Output
Primary Audio Interface (PAIF) transmitter data output
26
PAIFTX_LRCLK
Digital Input/Output
Primary audio interface transmitter left/right word clock
27
MFP1
Digital Input/Output
Multi-Function Pin (MFP) 1. See Table 1 for details of all MFP pins.
28
MFP2
Digital Input/Output
Multi-Function Pin (MFP) 2. See Table 1 for details of all MFP pins.
29
HWMODE
Digital Input
Configures control to be either Software Mode or Hardware Mode
30
SWMODE
Digital Input/Output
Configures software interface to be either 2-wire or 3-wire. See note 2.
31
SDO
Digital Output
3-wire control interface data output. See note 3.
32
SDIN
Digital Input/Output
Control interface data input (and output under 2-wire control)
33
SCLK
Digital Input
Control interface clock
34
CSB
Digital Input
3-wire control interface latch signal / device address selection
35
AINR
Analogue Input
ADC Right Channel Input
36
AINL
Analogue Input
ADC Left Channel Input
37
ADCREFP
Analogue Output
ADC reference buffer decoupling pin; 10uF external decoupling
38
VMID
Analogue Output
Midrail divider decoupling pin; 10uF external decoupling
39
AGND
Supply
Analogue ground
40
AVDD
Supply
Analogue positive supply
41
VOUT1L
Analogue Output
DAC channel 1 left output
42
VOUT1R
Analogue Output
DAC channel 1 right output
43
VOUT2L
Analogue Output
DAC channel 2 left output
44
VOUT2R
Analogue Output
DAC channel 2 right output
45
VREFP
Analogue Input
DAC and ADC positive reference
46
VREFN
Analogue Input
DAC and ADC ground reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com