Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 25Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 26Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
23
In master mode, the BCLKSEL register controls the number of BCLKs per LRCLK. If the
MCLK:LRCLK ratio is 128fs or 192fs and BCLKSEL = 10, BCLKSEL is overwritten to be 128
BCLKs/LRCLK. Also, if BCLKSEL = 00, and LRCLK is 192fs or 1152fs, the generated BCLK has a
mark-space ratio of 1:2.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R9
PAIF 1
09h
4:3
PAIFRX_BCLKSEL
[1:0]
00
R10
PAIF 2
0Ah
4:3
PAIFTX_BCLKSEL
[1:0]
00
R11
SAIF 1
0Bh
4:3
SAIF_BCLKSEL
[1:0]
00
Master Mode BCLK Rate:
00 = 64 BCLKs/LRCLK
01 = 128 BCLKs/LRCLK
10 = 256 BCLKs/LRCLK
11 = BCLK = System Clock.
Table 15 Master Mode BCLK Control
AUDIO DATA FORMATS
Five popular interface formats are supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP Mode A
•
DSP Mode B
All five formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the
exception of 32 bit right justified mode, which is not supported.
Audio Data for each stereo channel is time multiplexed with the interface’s Left-Right-Clock (LRCLK),
indicating whether the left or right channel is present. The LRCLK is also used as a timing reference
to indicate the beginning or end of the data words.
In Left Justified, Right Justified and I
2S modes, the minimum number of BCLKs per LRCLK period is
2 times the selected word length. LRCLK must be high for a minimum of BCLK periods equivalent to
the audio word length, and low for minimum of the same number of BCLK periods. Any mark to
space ratio on LRCLK is acceptable provided these requirements are met.
In DSP modes A and B, left and right channels must be time multiplexed and input on the input data
line on the Audio Interface. For the PAIF Receiver, all three left/right DAC channels are multiplexed
on DIN1 (assuming DAC_SEL = 00). LRCLK is used as a frame synchronisation signal to identify the
MSB of the first word. The minimum number of BCLKs per LRCLK period is six times the selected
word length. Any mark to space ratio is acceptable on LRCLK provided the rising edge is correctly
positioned.
LEFT JUSTIFIED MODE
In Left Justified mode, the MSB of the input data is sampled by the WM8580 on the first rising edge
of BCLK following a LRCLK transition. The MSB of the output data changes on the same falling edge
of BCLK as LRCLK and may be sampled on the next rising edge of BCLK. LRCLK is high during the
left samples and low during the right samples.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com