Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 32 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 32 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 28Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 29Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 36Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
32
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
MASTDA[7:0]
11111111
(0dB)
Digital Attenuation control for all DAC channels in 0.5dB steps. See
Table 23
R28
MASTER
DIGITAL
ATTENUATION
1Ch
8
UPDATE
Not latched
Controls simultaneous update of all Attenuation Latches
0 = Store gain in intermediate latch (no change to output)
1 = Apply gain and update attenuation on all channels.
Table 22 Digital Attenuation Registers
Note: The volume update circuit of the WM8580 has two sets of registers; LDAx and RDAx.
These can be accessed individually, or simultaneously by writing to MASTDA - Master
Digital Attenuation. Writing to MASTDA will overwrite the contents of LDAx and RDAx.
L/RDAx[7:0]
GAIN LEVEL
00(hex)
-
∞ dB (mute)
01(hex)
-127.5dB
:
:
:
:
:
:
FE(hex)
-0.5dB
FF(hex)
0dB
Table 23 Digital Volume Control Gain Levels
Setting the DACATC register bit causes the left channel attenuation settings to be applied to both left
and right channel DACs from the next audio input sample. No update to the attenuation registers is
required for DACATC to take effect.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19
DAC CONTROL 5
13h
6
DACATC
0
Attenuator Control
0 = All DACs use attenuations as
programmed.
1 = Right channel DACs use
corresponding left DAC attenuations
Table 24 DAC Attenuation Register (DACATC)
The digital volume control also incorporates a zero cross detect circuit which detects a transition
through the zero point before updating the digital volume control with the new volume. This
mechanism helps prevents pops and clicks during volume transitions, and is enabled by control bit
DZCEN.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R19
DAC CONTROL 5
13h
5
DZCEN
0
DAC Digital Volume Zero Cross
Enable
0 = Zero Cross detect disabled
1 = Zero Cross detect enabled
Table 25 Digital Zero Cross Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com