Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 39 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 39 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 38Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 39Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 40Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 41Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 42Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 43Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
39
ADC INTERFACE
The ADC_CLKSEL register selects the ADC clock source from ADCMCLK, PLLACLK, PLLBCLK, or
MCLK. However, if the S/PDIF receiver is active, PLLACLK and PLLBCLK are invalid for ADC
operation, so the choice is limited to ADCMCLK (default) or MCLK.
The rate that the ADC operates at is determined by the ADC Rate module. It calculates the rate
based on the digital routing setup. If the ADC is sourced by the PAIF Transmitter, PAIFTX_LRCLK is
used in the rate calculation. If the ADC is sourced by the SAIF Transmitter (and PAIF Transmitter
has another source), SAIF_LRCLK is used in the rate calculation. If the S/PDIF Transmitter (only) is
sourcing the ADC, then the rate is set by the ADC_RATE register bits.
Figure 26 ADC Clock Selection
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R8
CLKSEL
08h
3:2
ADC_CLKSEL
00
ADC clock source
00 = ADCMCLK pin
01 = PLLACLK
10 = PLLBCLK
11 = MCLK pin
R29
ADC
CONTROL 1
1Dh
7:5
ADCRATE[2:0]
010
ADC Rate Control (only used when
the S/PDIF Transmitter is the only
interface sourcing the ADC)
000 = 128fs
001 = 192fs
010 = 256fs
011 = 384fs
100 = 512fs
101 = 768fs
110 = 1152fs
Table 34 ADC Clock Control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com