Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 82 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 82 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 78Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 79Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 80Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 81Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 82Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 83Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 84Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 85Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 86Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 92 page
background image
WM8580
Product Preview
w
PP Rev 1.0 March 2006
82
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:4
GPO2OP[3:0]
0001
0001 = V
0010 = U
0011 = C
0100 = P
0101 = SFRM_CLK
0110 = 192BLK
0111 = UNLOCK
1000 = CSUD
1001 = REC_FREQ192
1010 = ZFLAG
1011 = NON_AUDIO
1100 = CPY_N
1101 = DEEMP
1110 = Set GPO as S/PDIF input (standard CMOS input buffer).
Only applicable for GPO3/4/5.
1111 = Set GPO as S/PDIF input (‘comparator’ input for AC
coupled consumer S/PDIF signals). Only applicable for GPO3/4/5
GPO1
26h
8
FILLMODE
0
Determines what S/PDIF Receiver should do with corrupted or
invalid data:
0 = Data from S/PDIF Receiver remains static at last valid sample.
1 = Data from S/PDIF Receiver is output as all zeros.
3:0
GPO3OP[3:0]
0010
7:4
GPO4OP[3:0]
0011
0000 = INTB
0001 = V
0010 = U
0011 = C
0100 = P
0101 = SFRM_CLK
0110 = 192BLK
0111 = UNLOCK
1000 = CSUD
1001 = REC_FREQ192
1010 = ZFLAG
1011 = NON_AUDIO
1100 = CPY_N
1101 = DEEMP
1110 = Set GPO as S/PDIF input (standard CMOS input buffer).
Only applicable for GPO3/4/5.
1111 = Set GPO as S/PDIF input (‘comparator’ input for AC
coupled consumer S/PDIF signals). Only applicable for GPO3/4/5
R39
GPO2
27h
8
ALWAYSVALID
0
Used to ignore the INVALID flag.
0 = Use INVALID flag.
1 = Ignore INVALID flag.
3:0
GPO5OP[3:0]
0100
R40
GPO3
28h
7:4
GPO6OP[3:0]
0101
3:0
GPO7OP[3:0]
0110
R41
GPO4
29h
7:4
GPO8OP[3:0]
0111
R42
3:0
GPO9OP[3:0]
1000
0000 = INTB
0001 = V
0010 = U
0011 = C
0100 = P
0101 = SFRM_CLK
0110 = 192BLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com