Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 11 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 11 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 9Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 15Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
11
MASTER CLOCK TIMING
ADCMCLK/
MCLK
t
MCLKL
t
MCLKH
t
MCLKY
Figure 1 Master Clock Timing Requirements
Test Conditions
AVDD, PVDD, VREFP = 5V, DVDD = 3.3V, AGND, VREFN = 0V, PGND, DGND = 0V, TA = +25
oC
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
System Clock Timing Information
ADCMCLK and MCLK System clock
pulse width high
tMCLKH
11
ns
ADCMCLK and MCLK System clock
pulse width low
tMCLKL
11
ns
ADCMCLK and MCLK System clock
cycle time
tMCLKY
28
ns
ADCMCLK and MCLK Duty cycle
40:60
60:40
Table 3 Master Clock Timing Requirements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com