Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8580 Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8580
Description  Multichannel CODEC with S/PDIF Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8580 Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8580 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 18Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 19Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 20Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 21Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 22Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 23Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 24Page - Wolfson Microelectronics plc WM8580 Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 92 page
background image
Product Preview
WM8580
w
PP Rev 1.0 March 2006
21
SOFTWARE REGISTER RESET
Writing to register R53 will cause a register reset, resetting all register bits to their default values.
Note that the WM8580 is powered down by default so writing to this register will power down the
device.
Table 11 Software Reset
DIGITAL AUDIO INTERFACES
Audio data is transferred to and from the WM8580 via the digital audio interfaces. There are two
receive audio interfaces and two transmit audio interfaces. The digital routing options for these
interfaces are described on page 21. Control of the audio interfaces is described below.
MASTER AND SLAVE MODES
The audio interfaces require both a left-right-clock (LRCLK) and a bit-clock (BCLK). These can be
supplied externally (slave mode) or they can be generated internally (master mode). When in master
mode, the BCLKs and LRCLKs for an interface are output on the corresponding BCLK and LRCLK
pins. By default, all interfaces operate in slave mode, but can operate in master mode by setting the
PAIFTXMS, PAIFRXMS and SAIFMS register bits. In Hardware Control Mode, the PAIF Transmitter
can operate in master mode by setting the SDI pin.
Figure 12 Slave Mode
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R53
RESET
35h
8:0
RESET
n/a
Writing any data value to this register
will apply a reset to the device
registers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com